KGS1D-R/K
AI

The **KGS1D-R/K** is a specific type of **Solid State Relay (SSR)**, typically manufactured by companies like Kudom or specialized industrial electronics suppliers. It is designed for switching DC loads with high reliability and speed.
---
## 1. Core Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Control Voltage (Input)** | Typically 3-32VDC |
| **Load Voltage (Output)** | 1-100VDC or 1-200VDC (Model dependent) |
| **Rated Load Current** | Usually 5A to 10A (Depending on heatsink) |
| **Switching Type** | DC Output (MOSFET or Transistor based) |
| **Isolation** | Optocoupler Isolation |
| **Mounting Type** | PCB Mount or Socket Mount |
---
## 2. Key Electronic Components
The KGS1D-R/K functions as an electronic switch without moving parts. Its internal architecture consists of:
### A. Input Circuit (Control Side)
* **LED Indicator:** A small internal light-emitting diode that signals when the control voltage is applied.
* **Current Limiting Resistor:** Protects the internal optocoupler from excessive current from the 3-32V input.
* **Reverse Polarity Protection:** A diode that prevents damage if the input wires are connected backwards.
### B. Isolation Layer
* **Optocoupler:** This is the "bridge" between the low-power control circuit and the high-power load circuit. It uses light to trigger the output, providing **galvanic isolation** (typically up to 2500V or 4000V), ensuring that a fault in the motor/load side doesn't destroy the microcontroller/PLC.
### C. Output Circuit (Switching Side)
* **Power MOSFET:** Unlike AC SSRs that use TRIACs, the KGS1D-R/K uses a Power MOSFET. This allows it to handle Direct Current (DC) with low "on-resistance," reducing heat.
* **Free-wheeling Diode (Internal/External):** Necessary for inductive loads (like motors or solenoids) to prevent back-EMF spikes from destroying the MOSFET.
---
## 3. Terminal Configuration
The device usually follows a standard 4-pin layout:
1. **Pin 1 (+):** Positive Input Control (e.g., from Arduino/PLC).
2. **Pin 2 (-):** Negative Input Control (Ground).
3. **Pin 3 (+):** Positive Load Connection.
4. **Pin 4 (-):** Negative Load Connection.
---
## 4. Advantages of this Model
* **Silent Operation:** No clicking noise compared to mechanical relays.
* **High Speed:** Can be used with PWM (Pulse Width Modulation) for dimming lights or controlling motor speed.
* **Longevity:** Since there are no physical contacts to arc or wear out, it has a nearly infinite operational life if kept within temperature limits.
---
- ⤷
What is the maximum switching frequency for the KGS1D-R/K?
- ⤷ Does this SSR require an external heatsink for a 5A load?
- ⤷ How do I wire a flyback diode with this SSR for an inductive motor?