KHS800JB-AX-R1AA
AI

The **KHS800JB-AX-R1AA** is a specialized high-power electronic component, specifically a **Wirewound Resistor** manufactured by **Yageo**. This part belongs to the KHS series, which is known for its high power rating and "vertical" mounting style.
### 1. Part Number Breakdown
Understanding each segment of the part number reveals its specific electrical characteristics:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **KHS** | Series Name | High Power Wirewound (Vertical Type) |
| **800** | Power Rating | 8 Watts (at 70°C) |
| **J** | Tolerance | ±5% |
| **B** | Packaging Code | Bulk |
| **AX** | Lead Style | Axial / Formed Leads (Specific to KHS spacing) |
| **R1** | Resistance Value | 0.1 Ohms (Ω) |
| **AA** | Special Code | Internal Factory Version/Designation |
---
### 2. Technical Specifications
The core electrical and physical parameters are as follows:
* **Resistance:** 0.1 Ω (very low resistance, often used for current sensing).
* **Power Dissipation:** 8 Watts (Continuous).
* **Dielectric Withstanding Voltage:** 1,000V AC.
* **Temperature Coefficient (TCR):** ±400 ppm/°C (Typical for low-value wirewounds).
* **Core Material:** Ceramic rod with a wirewound element.
* **Coating:** Flameproof inorganic silicone coating (White/Grey finish).
---
### 3. Key Applications
Due to its 8W power rating and very low resistance (0.1Ω), this part is commonly used in the following circuits:
1. **Current Sensing:** Placed in series with a load to measure current by monitoring the small voltage drop across the 0.1Ω resistance.
2. **Power Supplies:** Used as a "Soft Start" resistor to limit inrush current or as a bleeder resistor.
3. **Motor Controllers:** High-wattage handling makes it suitable for snubbers and motor braking circuits.
4. **Audio Equipment:** Sometimes used in crossover networks or output stages where high power handling is required.
---
### 4. Physical Design Features
The "KHS" series is distinct because it is often designed to stand **vertically** on a PCB or uses a specific lead forming (`AX`) to ensure proper heat dissipation. This prevents the high heat generated by the resistor (up to 200°C+ at full load) from damaging the PCB surface.
---
- ⤷
What is the maximum operating temperature for the Yageo KHS series?
- ⤷ Can this resistor be used as a shunt for high-current measurements?
- ⤷ What are the footprint dimensions for the AX-type lead forming?