KIA78R09API
AI

## KIA78R09API Electronic Component Overview
The **KIA78R09API** is a low dropout (LDO) voltage regulator manufactured by KEC (Korea Electronics). It is specifically a **positive fixed voltage regulator** with a built-in **ON/OFF control** function.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 9.0V DC |
| **Maximum Output Current** | 1.0A |
| **Dropout Voltage** | Max 0.5V (at $I_O = 1.0A$) |
| **Input Voltage Range** | Up to 35V |
| **Package Type** | TO-220IS-4 (Isolated 4-pin) |
| **Operating Temperature** | -20°C to +80°C |
---
### 2. Pin Configuration
Unlike standard 3-pin regulators (like the 7809), this device features 4 pins to accommodate the control function:
1. **Pin 1 (Input):** DC power supply input.
2. **Pin 2 (Output):** Regulated 9V output.
3. **Pin 3 (GND):** Ground.
4. **Pin 4 (V_control):** ON/OFF control pin. A high signal (TTL level) usually enables the output.
---
### 3. Core Features & Protections
* **ON/OFF Control:** Allows the system to enter a standby mode to save power by disabling the output via a microcontroller signal.
* **Low Dropout Voltage:** Efficient performance even when the input voltage is close to 9V.
* **Internal Protection Circuits:**
* **Overcurrent Protection:** Prevents damage during short circuits.
* **Thermal Shutdown:** Shuts off the device if it exceeds safe operating temperatures.
* **SOA (Safe Operating Area) Protection:** Protects the output transistor.
---
### 4. Basic Application Circuit Example
To ensure stability, capacitors must be placed close to the device pins.
```markdown
Input (+12V) ----[ Pin 1 ]-------[ Pin 2 ]---- Output (+9V)
| |
[0.33uF Cap] [47uF Cap]
| |
GND ------------- [ Pin 3 ]-------[ GND ]
|
Control Signal ---[ Pin 4 ] (High = ON, Low = OFF)
```
---
### 5. Common Uses
* Power supplies for audiovisual equipment (TVs, Radios).
* Voltage regulation for microcontrollers requiring a 9V rail.
* Electronic instruments requiring remote power switching.
- ⤷
What is the threshold voltage for the ON/OFF control pin (Pin 4)?
- ⤷ How does the 'API' suffix differ from other versions of the KIA78R09?
- ⤷ Can this regulator be used without the control pin connected?