KLS-15-1-R
AI

The **KLS-15-1-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Tactile Switch**. These switches are designed for low-power signal switching in consumer electronics and industrial control panels.
### 1. Key Technical Specifications
The following table outlines the typical electrical and physical parameters for the KLS-15-1-R series:
| Feature | Specification |
| :--- | :--- |
| **Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Circuit Type** | SPST (Single Pole, Single Throw) |
| **Contact Rating** | 50mA @ 12V DC |
| **Contact Resistance** | ≤ 100mΩ |
| **Insulation Resistance** | ≥ 100MΩ (100V DC) |
| **Operating Force** | 160gf / 250gf (Common variations) |
| **Travel** | 0.25mm ± 0.1mm |
| **Durability** | 100,000 cycles (Typical) |
---
### 2. Physical Construction
The part is engineered for automated assembly and durability. Its internal architecture includes:
1. **Actuator (Button):** Usually made of high-temperature plastic (LCP or Nylon) to withstand reflow soldering.
2. **Contact Dome:** A stainless steel or copper alloy disc that provides tactile feedback ("click") and completes the electrical circuit.
3. **Terminals:** Silver-plated brass or copper for high conductivity and easy soldering.
4. **Cover:** Metal plate (often stainless steel) that secures the internal components.
---
### 3. Application Use Cases
This component is widely used in devices where space is limited and a tactile user response is required:
* **Consumer Electronics:** Remote controls, digital cameras, and handheld gaming consoles.
* **Computer Peripherals:** Power buttons on laptops or reset buttons on networking gear.
* **Medical Devices:** Control interfaces for portable diagnostic tools.
* **Automotive:** Dashboard controls and keyless entry fobs.
---
### 4. Footprint and Soldering
When designing a PCB for this part, engineers must follow the SMT land pattern. A typical code snippet for a PCB footprint definition (e.g., in a script-based CAD tool) might look like this:
```markdown
# Example SMD Pad dimensions (in mm)
Pad_Width: 1.5
Pad_Length: 2.1
Spacing_Between_Pads: 4.5
```
---
- ⤷
What are the alternative operating forces available for this switch series?
- ⤷ Is there a through-hole (DIP) version of the KLS-15-1-R?
- ⤷ What is the maximum reflow soldering temperature for this component?