KMMLS-121-R
AI

The **KMMLS-121-R** is a specific model of a micro-miniature slide switch, commonly used in portable electronics and compact circuit designs. It is part of the KMMLS series, known for its ultra-low profile and surface-mount compatibility.
---
### 1. Technical Specifications
Below are the primary electronic and mechanical characteristics of the KMMLS-121-R:
| Feature | Specification |
| :--- | :--- |
| **Switch Function** | SPDT (Single Pole Double Throw) |
| **Circuitry** | On-On (Two positions) |
| **Current Rating** | 0.3A @ 4V DC |
| **Contact Resistance** | 70 mΩ max. |
| **Insulation Resistance** | 100 MΩ min. @ 100V DC |
| **Dielectric Strength** | 100V AC for 1 minute |
| **Operating Life** | 10,000 cycles |
| **Operating Force** | 150 ± 100 gf |
---
### 2. Physical & Material Composition
The "R" in the part number typically denotes the orientation or specific packaging (often Right-Angle or Tape & Reel).
* **Mounting Type:** Surface Mount Technology (SMT).
* **Actuator:** Side-actuated (right-angle slider), allowing for edge-of-board placement.
* **Terminals:** Silver-plated copper alloy for high conductivity and easy soldering.
* **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures.
---
### 3. Key Applications
Due to its miniature footprint (typically around 6.7mm x 2.6mm), this component is found in:
1. **Consumer Electronics:** Power switches for Bluetooth earbuds, digital cameras, and handheld gaming devices.
2. **Medical Devices:** Small diagnostic tools and wearable health monitors.
3. **IoT Modules:** Mode selection (e.g., switching between Wi-Fi and Bluetooth pairing modes).
4. **Prototyping:** Breadboard-friendly logic toggles when used with SMT-to-DIP adapters.
---
### 4. Circuit Diagram Representation
In an electronic schematic, the KMMLS-121-R is represented as a three-pin component:
```text
[Pin 1] ---- (Output A)
|
[Slider]--[Pin 2] ---- (Common/Input)
|
[Pin 3] ---- (Output B)
```
---
- ⤷What is the footprint dimension for the KMMLS-121-R PCB layout?
- ⤷ Can this switch be used for AC mains power applications?
- ⤷ What are the recommended reflow soldering temperature profiles for this part?