KMMLS-1B2-R
AI

The **KMMLS-1B2-R** is a specific electronic component typically categorized as a **Micro-Miniature Lever Switch** or a tactile/limit switch, often manufactured by companies like **C&K Components** (now part of Littelfuse). These switches are designed for compact electronic devices where space is at a premium.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and mechanical characteristics of the KMMLS-1B2-R:
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Micro-Miniature Snap Action / Detect Switch |
| **Actuator Type** | Long Lever (Standard) |
| **Circuit** | SPDT (Single Pole Double Throw) |
| **Switch Function** | On-Mom (Momentary) |
| **Current Rating** | Typically 100mA @ 12V DC |
| **Operating Force** | Low (approx. 40g to 60g) |
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Life Cycle** | ~50,000 to 100,000 cycles |
---
### 2. Physical Construction
The part is engineered for automated assembly and durability in small enclosures:
* **Housing:** High-temperature thermoplastic (LCP) to withstand reflow soldering temperatures.
* **Contacts:** Usually silver-plated or gold-plated to ensure low contact resistance and prevent oxidation.
* **Terminals:** Designed for "Gull-wing" or "J-lead" SMT soldering to the PCB.
* **Lever:** A metal or plastic lever that acts as the physical interface to trigger the internal snap-action mechanism.
---
### 3. Application Use Cases
Because of its small footprint and "detect" functionality, the KMMLS-1B2-R is commonly found in:
1. **Consumer Electronics:** Detecting if a battery door is closed or if a memory card (SD/MicroSD) is inserted.
2. **Medical Devices:** Sensing the presence of a cartridge or a protective cap.
3. **Smart Home:** Limit switches in small motorized blinds or security sensors.
4. **Telecommunications:** Detecting the docking status of handheld devices.
---
### 4. Typical Connection Diagram
In a standard SPDT configuration, the wiring logic is as follows:
```text
[COM] ---- Common Terminal
/
[NC] [NO]
(Closed) (Open)
```
* **NC (Normally Closed):** Connected to COM when the lever is at rest.
* **NO (Normally Open):** Connected to COM only when the lever is depressed.
- ⤷
What are the soldering temperature requirements for the KMMLS-1B2-R during SMT assembly?
- ⤷ How does the 'Detect' function differ from a standard tactile switch?
- ⤷ Are there waterproof (IP-rated) versions of this specific micro-lever switch?