KMMLS-1BC-R
AI

The **KMMLS-1BC-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Micro Switch** or a tactile leaf switch, often utilized in consumer electronics for detection or power control.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. General Specifications
The part number follows a specific nomenclature common in miniature switch manufacturing (often associated with brands like **Kingley** or similar SMT switch producers).
| Feature | Description |
| :--- | :--- |
| **Component Type** | Micro-Motion Detection Switch |
| **Mounting Type** | Surface Mount Technology (SMT/SMD) |
| **Contact Form** | Single Pole Single Throw (SPST) |
| **Operation Type** | Momentary (Normally Open or Normally Closed) |
| **Orientation** | Right Angle or Vertical (depending on exact sub-series) |
---
### 2. Electrical Characteristics
These parts are designed for low-power signal switching rather than high-current power distribution.
* **Contact Rating:** Usually rated at **5V - 12V DC** with a current capacity of **1mA to 50mA**.
* **Contact Resistance:** Typically low, usually **< 100mΩ** to ensure signal integrity.
* **Insulation Resistance:** Usually **> 100MΩ** at 100V DC.
* **Dielectric Strength:** Capable of withstanding **100V - 250V AC** for one minute.
---
### 3. Mechanical & Material Properties
The "1BC" and "R" suffixes often denote specific physical configurations:
* **Actuation Force:** Very light, typically ranging from **30gf to 70gf** (gram-force).
* **Durability:** Rated for high cycles, often **50,000 to 100,000 operations**.
* **Plating:** Contacts are usually **Gold-plated** or **Silver-plated** to prevent oxidation and ensure reliable conduction over time.
* **Packaging ("R"):** The "R" usually indicates **Tape and Reel** packaging, intended for automated pick-and-place assembly lines.
---
### 4. Typical Applications
Due to its small footprint and sensitivity, the KMMLS-1BC-R is found in:
1. **Mobile Devices:** Detecting the insertion of an audio jack or a charging cable.
2. **Smartwatches:** Functioning as side buttons or reset switches.
3. **Laptops:** Detecting when a lid is closed or a peripheral is docked.
4. **Cameras:** Shutter focus detection (half-press mechanisms).
---
### 5. Circuit Symbol
In a schematic, this part is represented as a simple momentary switch:
```text
/
---o o---
(Switch)
```
- ⤷
What is the exact footprint dimensions for the KMMLS-1BC-R for PCB layout?
- ⤷ Can this switch handle 120V AC applications?
- ⤷ What are the primary differences between the '1BC' and '1AC' versions of this series?