KMMLS-2A1-R
AI

The **KMMLS-2A1-R** is a specific electronic component, typically categorized as a **Micro-Limit Switch** or a tactile leaf switch, often utilized in automotive, industrial, and consumer electronics for position detection.
Below is a detailed breakdown of its electronic parts and characteristics.
---
### 1. Technical Specifications
The device is designed for low-power signal switching rather than high-current power distribution.
| Parameter | Description |
| :--- | :--- |
| **Circuit Type** | SPST (Single Pole Single Throw) |
| **Switch Function** | Normally Open (NO) |
| **Actuator Type** | Leaf Lever / Simulated Roller |
| **Contact Rating** | Typically 0.1A @ 12VDC - 30VDC |
| **Mounting Type** | Surface Mount (SMD) or Right Angle PCB |
| **Operating Force** | Light (typically < 1.0N) |
---
### 2. Physical Construction (Electronic Parts)
The switch is composed of four primary internal and external parts:
#### A. The Housing (Base & Cover)
* **Material:** High-temperature resistant thermoplastic (LCP - Liquid Crystal Polymer).
* **Function:** Protects internal contacts from dust and ensures the part can withstand Reflow Soldering temperatures.
#### B. The Actuator (Leaf Spring)
* **Material:** Phosphor Bronze or Stainless Steel.
* **Function:** This is the physical interface. When an object presses the leaf, it flexes downward to bridge the internal electrical gap.
#### C. Contact Points
* **Plating:** Usually **Gold (Au)** or **Silver (Ag)** plating over a copper alloy base.
* **Function:** Gold plating is preferred for this specific model series to prevent oxidation and ensure reliable signal switching at very low voltages (Dry Circuits).
#### D. Terminals
* **Design:** Solder pads designed for PCB integration.
* **Function:** Provides the electrical path from the switch mechanism to the rest of the circuit board.
---
### 3. Operational Logic
The KMMLS-2A1-R operates as a **Momentary Switch**:
1. **Rest State:** The leaf spring is elevated; the circuit is "Open" (Logic 0).
2. **Actuated State:** Physical pressure forces the leaf onto the fixed contact; the circuit is "Closed" (Logic 1).
3. **Release:** The inherent elasticity of the metal leaf returns it to the original position, breaking the circuit.
---
### 4. Common Applications
* **Consumer Electronics:** Detecting if a tray is closed or a battery cover is in place.
* **Automotive:** Detecting door latch positions or glove box status.
* **Smart Home:** Limit sensing for motorized blinds or small robotics.
- ⤷
What are the specific footprint dimensions for PCB layout of the KMMLS series?
- ⤷ What is the mechanical life expectancy (number of cycles) for this switch?
- ⤷ How does gold plating compare to silver plating in low-current switching applications?