AI

The **KMMLS-313-R** is a specific electronic component, typically categorized as a **Micro-USB Connector** (specifically a Type B, Mid-mount, or SMT variant). These are commonly used in mobile devices, peripherals, and charging circuits.
---
### 1. Technical Specifications
The following table outlines the typical electrical and mechanical characteristics for this series of connectors:
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | Micro-USB Type B |
| **Mounting Type** | Surface Mount (SMT) / Mid-Mount |
| **Number of Contacts** | 5 Pins (Standard USB 2.0) |
| **Current Rating** | 1.0A - 1.8A per contact |
| **Voltage Rating** | 30V AC/DC |
| **Insulation Resistance** | 100M $\Omega$ Minimum |
| **Contact Resistance** | 30m $\Omega$ Maximum |
| **Durability** | 10,000 Mating Cycles |
---
### 2. Key Electronic Parts & Construction
The component is composed of several critical materials designed for durability and conductivity:
* **Housing:** Usually made of High-Temperature Thermoplastic (LCP or Nylon), designed to withstand reflow soldering temperatures.
* **Contacts:** Copper alloy (Phosphor Bronze) with **Gold plating** on the contact area to prevent oxidation and ensure stable data/power transmission.
* **Shell:** Stainless steel or Copper alloy with Nickel plating for EMI shielding and structural grounding.
* **Solder Tabs:** Large metal "wings" or tabs that provide mechanical strength to prevent the connector from being ripped off the PCB during cable insertion.
---
### 3. Pinout Configuration
As a standard 5-pin Micro-USB, the electronic footprint follows this logic:
| Pin Number | Signal Name | Description |
| :--- | :--- | :--- |
| 1 | **VCC** | +5V Power Supply |
| 2 | **D-** | Data Minus |
| 3 | **D+** | Data Plus |
| 4 | **ID** | Identification (OTG mode selection) |
| 5 | **GND** | Ground |
---
### 4. Implementation Example
When integrating this part into a circuit (e.g., using an EDA tool like Altium or KiCad), the footprint must account for the "Mid-mount" nature, where a cutout in the PCB is often required to lower the profile of the connector.
```cpp
// Typical Schematic Labeling for KMMLS-313-R
Connector_USB_Micro_B {
Pin1: VBUS;
Pin2: USB_D_N;
Pin3: USB_D_P;
Pin4: USB_ID;
Pin5: GND;
Shield: SHIELD_GND;
}
```
- ⤷
What is the difference between a mid-mount and a top-mount USB connector?
- ⤷ How do I calculate the PCB cutout dimensions for this part?
- ⤷ Does this connector support USB 3.0 data speeds?