AI

### Overview of KMMLS-31A-R
The **KMMLS-31A-R** is a specific electronic component typically categorized as a **Micro Switch** or **Tactile Switch**, often used in automotive and industrial applications. It is designed for low-profile mounting and reliable actuation in harsh environments.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Sealed Micro/Tactile Switch |
| **Circuitry** | SPST (Single Pole Single Throw) |
| **Switch Function** | Momentary (Normally Open) |
| **Actuation Force** | Typically 1.6N to 3.0N (depending on variant) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Ingress Protection** | IP67 (Dust-tight, Water-resistant) |
| **Operating Temperature** | -40°C to +85°C |
---
### Key Electronic & Physical Characteristics
1. **Sealed Construction**:
The "R" suffix and the KMMLS series designation often indicate a **sealed design**. This prevents flux, dust, and moisture from entering the contact area, ensuring long-term reliability in automotive interiors or outdoor equipment.
2. **Contact Material**:
These switches usually employ **Silver-plated** or **Gold-plated** contacts to ensure low contact resistance and high signal integrity for low-voltage logic circuits.
3. **Mechanical Life**:
Designed for durability, these switches are rated for a high number of cycles (often 100,000 to 1,000,000 actuations).
4. **Low Profile**:
The physical dimensions are optimized for thin PCBs, making them ideal for modern handheld devices or compact control panels.
---
### Common Applications
* **Automotive**: Steering wheel controls, door handle sensors, and dashboard buttons.
* **Industrial**: Handheld scanners, ruggedized control interfaces, and limit detection.
* **Medical**: Portable diagnostic equipment and patient monitoring interfaces.
---
### Schematic Representation
```text
[ Terminal 1 ]
|
/ (Switch Actuator)
|
[ Terminal 2 ]
```
- ⤷
What are the exact dimensions of the KMMLS-31A-R footprint for PCB layout?
- ⤷ Can this switch be used in high-voltage power applications?
- ⤷ What is the difference between the KMMLS series and the standard KSC series switches?