KMMLS-332-R
AI

The **KMMLS-332-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Low Profile Tactile Switch**. These components are widely used in consumer electronics for user interface buttons (like power or reset buttons) due to their small footprint and tactile feedback.
---
### 1. Technical Specifications
Below are the typical electrical and mechanical specifications for this class of component:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Surface Mount (SMT/SMD) |
| **Circuit** | SPST - NO (Single Pole Single Throw - Normally Open) |
| **Actuation Force** | 160gf to 250gf (Common range) |
| **Voltage Rating** | 12V DC |
| **Current Rating** | 50mA |
| **Dimensions** | Approx. 3.0mm x 2.0mm to 3.5mm x 3.0mm |
| **Orientation** | Side Actuated / Right Angle |
---
### 2. Key Internal Components
The KMMLS-332-R consists of several precision-engineered parts that work together to provide an electrical connection:
1. **Contact Dome (Stainless Steel):** This is the "heart" of the switch. When pressed, it collapses to complete the circuit and provides the "click" sound and feel.
2. **Actuator (Stem):** The physical button part that the user pushes. In this model, it is often a low-profile plastic piece.
3. **Base (Housing):** Made of High-Temperature Thermoplastic (LCP or Nylon) to withstand the heat of reflow soldering.
4. **Terminals:** Copper alloy plated with Silver or Gold to ensure high conductivity and prevent oxidation.
5. **Cover:** A metal shield that holds the components together and provides structural integrity when soldered to the PCB.
---
### 3. Application Use Cases
Because of its small size and "Right Angle" (R suffix) orientation, it is commonly found in:
* **Mobile Devices:** Side buttons for volume or power.
* **Wearables:** Smartwatches and fitness trackers.
* **Medical Devices:** Compact handheld diagnostic tools.
* **IoT Hardware:** Reset or pairing buttons on small PCB boards.
---
### 4. Typical Footprint (Conceptual)
```c
// Example Pad Layout for SMD Tactile Switch
[Pad 1] ----- [Actuator] ----- [Pad 2]
| |
[GND/Body] [Signal Out]
```
- ⤷
What is the maximum soldering temperature for the KMMLS-332-R?
- ⤷ Can this switch be used in high-moisture environments?
- ⤷ What is the mechanical life expectancy (number of cycles) for this part?