AI

Based on technical specifications, the **KMMLS-333-R** is an illuminated, right-angle, surface-mount (SMT) tactile switch. These components are commonly used in consumer electronics, industrial controls, and medical devices where space is limited and user feedback (visual and tactile) is required.
---
### 1. General Specifications
The KMMLS-333-R belongs to the category of **Illuminated Tactile Switches**. Below are the core mechanical and electrical characteristics:
| Feature | Specification |
|:---|:---|
| **Mounting Type** | Surface Mount (SMT) / Right Angle |
| **Circuitry** | SPST (Single Pole Single Throw) |
| **Switch Function** | Off-Mom (Momentary) |
| **Actuation Force** | Typically 160gf to 250gf (grams-force) |
| **Travel Distance** | ~0.25mm |
| **Operating Life** | 100,000 to 500,000 cycles |
| **LED Color** | Red (indicated by the "-R" suffix) |
---
### 2. Electronic Component Breakdown
#### A. The Switch Mechanism (Tactile)
The switch functions as a physical interface. When the plunger is pressed, it bridges a metal dome to the PCB pads, completing the circuit.
* **Contact Rating:** Usually rated for low current (e.g., 50mA at 12V DC).
* **Contact Resistance:** Max 100mΩ.
* **Insulation Resistance:** Min 100MΩ at 100V DC.
#### B. The Integrated LED
The "R" in the part number indicates a **Red LED**. Because the LED and the switch are integrated into a single housing, they share the same physical footprint but operate on independent circuits.
* **Forward Voltage ($V_f$):** Typically 1.8V to 2.2V for Red.
* **Forward Current ($I_f$):** Typically 20mA.
* **Polarity:** The PCB layout must account for the specific Anode (+) and Cathode (-) pins for the LED to function.
#### C. Physical Orientation (Right Angle)
Unlike standard tactile switches that are pressed "down" toward the PCB, the **Right Angle** design allows the button to be pressed from the side (parallel to the board). This is ideal for:
* Side-mounted power buttons.
* Edge-located reset switches.
* User interfaces on the thin side of a device casing.
---
### 3. Typical Pin Configuration
While you should always consult the specific datasheet for the manufacturer (likely *Kailh* or a similar brand using this numbering), the pinout generally follows this logic:
```text
Pin 1 & 2: Switch Contacts (Normally Open)
Pin 3: LED Anode (+)
Pin 4: LED Cathode (-)
```
---
### 4. Application Considerations
* **Current Limiting Resistor:** You must use a resistor in series with the LED pins to prevent the Red LED from burning out.
* **Soldering:** Being an SMT component, it is designed for reflow soldering. Excessive heat during manual soldering can melt the internal plastic plunger or damage the LED.
* **Debouncing:** Like all mechanical switches, this part will exhibit "contact bounce." Software or hardware debouncing (usually 5-10ms) is required for clean signal processing.
- ⤷
What is the recommended resistor value for the Red LED when using a 5V supply?
- ⤷ Can this switch be used for high-voltage AC applications?
- ⤷ What are the physical dimensions/footprint of the KMMLS-333 series?