KMMLS-3B1-R
AI

The **KMMLS-3B1-R** is a specific model of a **Miniature Slide Switch**, typically manufactured by companies like **STMicroelectronics** or specialized switch component suppliers (often part of the KM series). These switches are designed for compact electronic devices where space is at a premium.
---
### 1. Key Technical Specifications
Below are the typical electronic and mechanical characteristics of the KMMLS-3B1-R:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Slide Switch |
| **Circuit Configuration** | SPDT (Single Pole Double Throw) |
| **Switch Function** | On-On |
| **Current Rating** | ~300mA at 6V DC (Typical) |
| **Contact Resistance** | 20 mΩ Max (Initial) |
| **Insulation Resistance** | 100 MΩ Min at 500V DC |
| **Dielectric Strength** | 500V AC for 1 minute |
| **Actuator Type** | Side Actuated (Right Angle / Side Slide) |
| **Mounting Type** | Through-Hole (PCB Mount) |
---
### 2. Functional Design
The "3B1-R" suffix typically refers to the physical orientation and terminal layout:
* **SPDT Logic:** It has one common terminal and two output terminals. Sliding the actuator connects the common pin to either the left or right pin.
* **Right-Angle (R):** The "R" usually indicates a **Right-Angle** mounting. This means the actuator slides parallel to the PCB, but the pins are bent at 90 degrees to fit into the board edge.
* **Miniaturization:** It is designed for "Micro" applications, meaning it has a very low profile (usually under 2mm-5mm in height).
---
### 3. Applications
Due to its small footprint and low current rating, it is commonly used in:
1. **Consumer Electronics:** Power switches for Bluetooth headphones, wearable devices, and small remote controls.
2. **Logic Selection:** Setting "Master/Slave" modes or hardware addresses on a circuit board.
3. **Testing Equipment:** Handheld multimeters or diagnostic tools for toggling between modes.
4. **Battery Powered Devices:** Used as a physical "Hard Off" switch to prevent parasitic battery drain.
---
### 4. Circuit Diagram Representation
In a schematic, the KMMLS-3B1-R is represented as follows:
```text
[ Terminal 1 ] <--- Position A
|
[ Common ] --o
|
[ Terminal 2 ] <--- Position B
```
---
- ⤷What is the footprint size (dimensions) of the KMMLS-3B1-R?
- ⤷ Are there Surface Mount (SMD) versions available for this switch?
- ⤷ What is the mechanical life expectancy in cycles?