KMMLS-A1AC-R
AI

## Overview: KMMLS-A1AC-R
The **KMMLS-A1AC-R** is a specialized electronic component, typically categorized as a **Micro-Switch** or a **Tactile Push Button Switch**. These components are widely used in consumer electronics, automotive controls, and industrial interfaces due to their small footprint and reliability.
---
### 1. Technical Specifications
Below are the typical electronic characteristics of this part series:
| Property | Description |
| :--- | :--- |
| **Component Type** | Micro-Motion Tactile Switch |
| **Circuitry** | SPST (Single Pole Single Throw) |
| **Mounting Type** | SMT (Surface Mount Technology) / Right Angle |
| **Actuation Force** | Usually ranges from 1.0N to 2.5N |
| **Contact Resistance** | < 100 mΩ |
| **Insulation Resistance** | > 100 MΩ (at 100V DC) |
| **Operating Life** | 50,000 to 100,000 cycles |
---
### 2. Key Internal Electronic Parts
The functionality of the KMMLS-A1AC-R relies on several internal sub-components:
1. **The Dome (Contact Disc):**
* Made of stainless steel or phosphor bronze.
* Acts as the conductive bridge that closes the circuit when pressed.
2. **Actuator (Button):**
* The physical interface that the user presses. In the "A1AC" variant, this is often a low-profile stem.
3. **Terminals:**
* Silver-plated or Gold-plated leads that provide low contact resistance for PCB soldering.
4. **Base/Housing:**
* High-temperature thermoplastic (LCP or Nylon) designed to withstand reflow soldering temperatures.
---
### 3. Part Number Breakdown (Typical)
While naming conventions vary by manufacturer (such as Mitsumi or similar clones), the suffix "R" usually denotes specific packaging or orientation:
* **KMMLS:** Series identifier (Miniature Micro Light Switch).
* **A1:** Specific physical dimensions or actuation height.
* **AC:** Contact material or force rating.
* **-R:** **Tape and Reel** packaging (designed for automated SMT pick-and-place machines).
---
### 4. Common Applications
* **Consumer Electronics:** Volume buttons on smartphones or tablets.
* **Automotive:** Keyless entry fobs and dashboard controls.
* **Medical:** Interface buttons on handheld diagnostic tools.
- ⤷
What is the maximum voltage and current rating for this switch?
- ⤷ Is the KMMLS-A1AC-R waterproof or dustproof (IP rated)?
- ⤷ What are the footprint dimensions for PCB layout design?