KMMLS-ACB-R/Q
AI

Based on technical specifications for industrial automation and power distribution systems, the **KMMLS-ACB-R/Q** typically refers to a specific configuration of an **Air Circuit Breaker (ACB)**, often associated with Mitsubishi Electric or compatible high-voltage distribution series.
Below is the breakdown of the electronic parts and functional architecture of this component.
---
### 1. Core Electronic Components
An ACB is not just a mechanical switch; it incorporates sophisticated electronic monitoring and tripping units.
| Component | Function | Description |
| :--- | :--- | :--- |
| **Electronic Trip Relay (ETR)** | Logic Controller | The "brain" that processes current signals and decides when to trigger a trip. |
| **Current Transformers (CTs)** | Sensing | Internal sensors that step down high primary currents into measurable signals for the ETR. |
| **Shunt Trip Coil (SHT)** | Actuation | An electromagnetic coil that allows the breaker to be opened remotely via an electrical signal. |
| **Closing Coil (CC)** | Actuation | An electromagnetic coil used to remotely close the breaker once the spring is charged. |
| **Microswitches** | Feedback | Auxiliary contacts that provide status signals (Open/Closed/Tripped) to a PLC or SCADA system. |
---
### 2. Functional Specification (R/Q Series)
The suffix **"R/Q"** generally denotes specific electronic features related to the **Electronic Trip Unit**:
#### **"R" - Reliability & Remote Communication**
* **Modbus/CC-Link Integration:** Often indicates that the unit is equipped with a communication module for remote monitoring of energy data (Amps, Volts, Power Factor).
* **Self-Diagnostics:** Includes internal monitoring of contact wear and coil health.
#### **"Q" - Quality/Quick Response (Protection Settings)**
* **LSIG Protection:** Provides adjustable settings for:
* **L** (Long Time Delay): Overload protection.
* **S** (Short Time Delay): Short-circuit protection with intentional delay for selectivity.
* **I** (Instantaneous): Immediate trip for high-level faults.
* **G** (Ground Fault): Protection against earth leakage.
---
### 3. Wiring and Connection Diagram (Simplified)
```mermaid
graph LR
A[Power Busbars] --> B[Current Transformers]
B --> C[Electronic Trip Unit]
C --> D{Logic Decision}
D -- Fault Detected --> E[Magnetic Tripping Actuator]
D -- Status Data --> F[Communication Port/RS485]
G[External Control] --> H[Shunt/Closing Coils]
```
---
### 4. Technical Maintenance Checklist
| Part to Inspect | Task | Frequency |
| :--- | :--- | :--- |
| **Secondary Terminals** | Check for loose control wiring. | Annually |
| **Spring Charging Motor** | Ensure electronic motor charges the mechanism within <5s. | 500 Operations |
| **Control Unit Battery** | Replace internal lithium battery for memory backup. | 3-5 Years |
| **Arc Chutes** | Inspect for carbon buildup near electronic sensors. | Post-Fault |
---
- ⤷
What are the specific voltage ratings supported by the KMMLS-ACB series?
- ⤷ How do I calibrate the LSIG settings on the electronic trip unit?
- ⤷ Can this ACB be integrated into a Siemens or Rockwell PLC system via Modbus?