KMS-1-R/
AI

The **KMS-1-R** is a specific electronic component produced by **Mini-Circuits**. It belongs to the category of **Passive Double Balanced Mixers**. These components are essential in Radio Frequency (RF) design for frequency conversion.
---
### 1. General Specifications
The KMS-1-R is a surface-mount component designed for high-reliability signal processing. Below are the key technical parameters:
| Parameter | Typical Value |
| :--- | :--- |
| **Component Type** | Frequency Mixer (Double Balanced) |
| **RF/LO Frequency Range** | 0.5 to 500 MHz |
| **IF Frequency Range** | DC to 500 MHz |
| **LO Drive Power** | +7 dBm (Level 7) |
| **Conversion Loss** | 6.0 dB (Typical) |
| **Isolation (L-R)** | 45 dB (Typical) |
| **Mounting Type** | Surface Mount (SMT) |
| **Package Style** | WWW107 (Mini-Circuits Designation) |
---
### 2. Functional Description
A double-balanced mixer like the KMS-1-R uses a diode bridge and two transformers (baluns) to perform mathematical multiplication of two input signals.
#### Key Internal Parts:
* **Schottky Barrier Diodes:** Used for their fast switching speeds and low forward voltage drops, allowing the device to operate at high frequencies.
* **Ferrite Core Transformers:** These provide the "balance" in the circuit, ensuring that the Local Oscillator (LO) and Radio Frequency (RF) signals do not leak into the output (IF) port.
---
### 3. Pin Configuration
The KMS-1-R usually features a specific footprint for surface mounting. While you should always consult the official datasheet for PCB layout, the standard functional mapping is:
| Pin Function | Description |
| :--- | :--- |
| **LO (Local Oscillator)** | The "clock" or reference signal input. |
| **RF (Radio Frequency)** | The high-frequency input signal (in Down-conversion). |
| **IF (Intermediate Freq)** | The resulting sum/difference output signal. |
| **GND (Ground)** | Common return path for all signals. |
---
### 4. Common Applications
* **Frequency Up-conversion:** Taking a low-frequency baseband signal and moving it to a higher frequency for transmission.
* **Frequency Down-conversion:** Converting high-frequency signals from an antenna down to a lower frequency for processing (e.g., in a radio receiver).
* **Phase Detection:** Comparing the phase difference between two signals of the same frequency.
---
### 5. Schematic Symbol Representation
In a circuit diagram, the KMS-1-R is represented by a circle containing an "X" (multiplication symbol), often shown with three ports:
```text
[LO Port]
|
[RF] ----( X )---- [IF]
|
[GND]
```
---
- ⤷
What is the significance of 'Level 7' LO power in this mixer?
- ⤷ How does conversion loss affect the overall signal-to-noise ratio?
- ⤷ Can the KMS-1-R be used for frequencies above 500 MHz?