KMS-D-R/K
AI

The **KMS-D-R/K** is a high-precision digital magnetic switch/sensor, commonly used in industrial automation for position sensing, safety monitoring, and limit detection. It typically belongs to the family of magnetic reed or Hall-effect sensors designed for robust performance in harsh environments.
---
### 1. Technical Specifications
Below are the typical electronic characteristics for the KMS-D-R/K series:
| Parameter | Specification |
| :--- | :--- |
| **Switching Voltage** | 5V – 250V AC/DC |
| **Switching Current** | Max. 500mA |
| **Switching Capacity** | Max. 10W / 10VA |
| **Output Type** | Reed Contact (Dry Contact) / Digital NPN/PNP |
| **Response Time** | < 0.5 ms |
| **Protection Class** | IP67 (Dust and Water Resistant) |
| **Operating Temp** | -20°C to +85°C |
---
### 2. Core Electronic Components
The device functions through a combination of several internal electronic parts:
* **Magnetic Sensing Element:**
* **Reed Switch:** A pair of flexible metal reeds in a hermetically sealed glass envelope. In the presence of a magnetic field, the reeds pull together to complete the circuit.
* **Hall Effect IC (Optional):** Some variants use a solid-state Hall sensor that detects magnetic flux density and outputs a digital high/low signal.
* **Protection Circuitry:**
* Contains **Varistors** or **Diodes** to protect against inductive voltage spikes when switching loads like relays or solenoids.
* **LED Indicator:**
* A small Surface Mount Device (SMD) LED integrated into the housing to provide visual feedback of the switching status (Power/Actuated).
* **Encapsulation:**
* The internal PCB and components are potted in epoxy resin to prevent vibration damage and moisture ingress.
---
### 3. Wiring Diagram Logic
The wiring configuration usually follows standard industrial coding:
```yaml
Brown (BN): Positive (+) / Line
Blue (BU): Negative (-) / Neutral
Black (BK): Output Signal (NO - Normally Open)
```
### 4. Application Logic
The KMS-D-R/K is designed to interface directly with:
1. **PLC Inputs:** Digital signal processing for automated logic.
2. **Safety Relays:** For machine guarding applications.
3. **Counter Modules:** To track movements or rotations of magnetic actuators.
---
- ⤷What is the difference between the Reed and Hall-effect versions of this sensor?
- ⤷ What are the specific mounting requirements for the KMS-D-R/K?
- ⤷ How do I troubleshoot a KMS-D-R/K sensor that isn't triggering?