KNP-R3AV100RCTB
AI

The **KNP-R3AV100RCTB** is a specific part number typically associated with a **Wirewound Resistor**. This type of component is designed for high-power applications, precision resistance, and durability under thermal stress.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. Component Overview
The "KNP" series represents **Wirewound Resistors (Flame-proof type)**. These are created by winding a metal wire (usually Nichrome) around a ceramic core and coating it with a non-flammable protective layer.
### 2. Technical Specifications
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Series** | KNP | Wirewound Resistor (Flame-proof) |
| **Power Rating** | 0.3W - 3W (Varies by sub-code) | Capability to dissipate heat |
| **Resistance Value** | 10 $\Omega$ (Typical for "100") | The electrical resistance |
| **Tolerance** | ±5% (Typical for "J" or "R") | Precision of the resistance value |
| **Core Material** | Alumina Ceramic | Provides high thermal conductivity |
| **Coating** | Silicone / Flame-proof | Prevents ignition during overload |
---
### 3. Key Electronic Features
* **High Power Handling:** Unlike carbon film resistors, wirewound resistors can handle significant surges and higher power loads relative to their size.
* **Thermal Stability:** They maintain a consistent resistance value even as temperatures fluctuate (Low Temperature Coefficient).
* **Flame-proof Construction:** The coating is designed not to catch fire or emit smoke even when the resistor is subjected to an electrical overload that causes it to fail.
* **Inductive Nature:** Because the wire is coiled, these parts have some inherent **inductance**. They are generally not recommended for high-frequency RF circuits but are excellent for power supplies and audio crossovers.
### 4. Part Number Breakdown (Typical)
While naming conventions vary slightly by manufacturer (like KOA Speer or Vitrohm), the code usually follows this logic:
* **KNP:** Series Name (Wirewound).
* **R3:** Power rating or size code (likely 0.3W or a specific physical frame).
* **100:** Resistance code (10 + 0 zeros = 10 Ohms).
* **R:** Tolerance or Packaging identifier.
* **CTB:** Packaging style (e.g., Cut and Taped, or Taped in Box).
---
### 5. Common Applications
* **Power Supplies:** Used as "bleeder" resistors or for current sensing.
* **Motor Controllers:** For limiting inrush current.
* **Audio Equipment:** Used in speaker crossover networks due to high power handling.
* **Voltage Dividers:** In industrial equipment where stability is required.
- ⤷
What is the difference between KNP and Carbon Film resistors?
- ⤷ How does inductance affect wirewound resistors in high-frequency circuits?
- ⤷ What are the standard tolerance ratings for the KNP series?