KNP-R3AV100RGTB
AI

The **KNP-R3AV100RGTB** is a specific part number for a **Wirewound Resistor**, typically manufactured by companies like Yageo or similar high-power component specialists. This component is designed for power management and circuit protection.
---
### 1. Technical Specifications
Below is a breakdown of the technical characteristics based on the standard nomenclature for this series:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Fixed Resistor | Wirewound technology |
| **Resistance Value** | 100 $\Omega$ (Ohms) | Indicated by "100R" |
| **Power Rating** | 0.3W - 3W | Depends on specific package size (R3 usually denotes 0.3W or 3W depending on manufacturer series) |
| **Tolerance** | ±2% or ±5% | "G" often denotes 2%, "J" denotes 5% |
| **Mounting Type** | Through-Hole | Axial leaded package |
| **Coating** | Flameproof | Silicone or lacquer coating for safety |
---
### 2. Physical Construction
The resistor is built using the following layers:
1. **Core:** A ceramic rod (usually Alumina) acts as the heat-resistant base.
2. **Element:** A resistive wire (Nickel-Chromium or similar alloy) is wound around the core.
3. **Termination:** Metal caps are fitted to the ends, connected to solderable leads.
4. **Coating:** A flame-retardant layer protects the wire from moisture and prevents fire during extreme overloads.
---
### 3. Key Features and Applications
#### Key Features
* **High Surge Capability:** Wirewound resistors can handle significantly higher momentary surges compared to film resistors.
* **Heat Dissipation:** Designed to operate at high temperatures without degradation.
* **Flameproof:** If the resistor fails due to excessive current, it will open cleanly without catching fire.
#### Common Applications
* **Inrush Current Limiting:** Used in power supplies to limit initial current spikes.
* **Snubber Circuits:** Used in motor controllers to dissipate energy.
* **Voltage Division:** In high-power circuits where precision and stability are required.
* **Pre-charge Circuits:** Commonly found in EV battery management or industrial UPS systems.
---
### 4. Part Number Decoding (Typical)
While naming conventions vary slightly by manufacturer, the code usually breaks down as follows:
| Segment | Meaning |
| :--- | :--- |
| **KNP** | Series Name (Wirewound Fixed Resistor) |
| **R3** | Power Rating / Body Size code |
| **AV** | Lead Forming / Packaging style (e.g., Axial Vertical) |
| **100R** | Resistance Value (100 Ohms) |
| **G** | Tolerance (±2%) |
| **TB** | Taping in Box (Packaging method) |
---
- ⤷What is the maximum operating temperature for KNP series resistors?
- ⤷ How does a wirewound resistor compare to a metal film resistor in surge handling?
- ⤷ Can this resistor be used in high-frequency applications?