KNP-R3AV1KCP
AI

The part number **KNP-R3AV1KCP** refers to a specific type of **Wirewound Resistor**, commonly used in power circuits for current limiting and voltage dropping.
Below is a detailed breakdown of its electronic characteristics and construction.
---
### 1. Technical Specifications
The code follows a specific naming convention used by manufacturers like Vitrohm or Yageo. Here is the typical breakdown:
| Specification | Value/Description |
| :--- | :--- |
| **Series** | KNP (Wirewound, Non-Flammable) |
| **Power Rating** | ~3 Watts (Standard for R3 size) |
| **Resistance Value** | 1 kΩ (Based on "1K" notation) |
| **Tolerance** | ±5% (Commonly associated with the 'J' or 'C' suffix) |
| **Coating** | Silicone or Flameproof lacquer |
| **Mounting Type** | Through-hole (Axial leads) |
---
### 2. Component Construction
Wirewound resistors are built differently than standard carbon film resistors to handle higher heat and power.
* **Core:** High-grade ceramic rod (Alumina) used as a base.
* **Resistive Element:** A metallic wire (usually Nickel-Chrome or Manganin) wound around the ceramic core.
* **Coating:** A flameproof "V" (Vitrohm standard) or silicone coating that prevents the component from catching fire during an overload.
* **Termination:** Tin-plated copper leads welded to end caps.
---
### 3. Key Electronic Features
The **KNP series** is preferred in industrial electronics for the following reasons:
1. **High Power Dissipation:** Unlike thin-film resistors, the wirewound structure can absorb significant energy without failing.
2. **Surge Handling:** Excellent performance against high-voltage surges and pulses.
3. **Low Noise:** Wirewound resistors produce significantly less thermal noise compared to carbon resistors.
4. **Temperature Stability:** They maintain a consistent resistance value even as the operating temperature rises (Low Temperature Coefficient).
---
### 4. Common Applications
* **Power Supplies:** Used as a "Bleeder Resistor" to discharge capacitors.
* **Inrush Limiting:** Restricts the initial current surge when a device is turned on.
* **Motor Controllers:** Provides current sensing and braking.
* **Audio Equipment:** Used in crossover networks for speakers due to low noise.
---
- ⤷
What is the maximum operating temperature for a KNP series resistor?
- ⤷ Can this resistor be used in high-frequency RF circuits?
- ⤷ What is the difference between KNP (Wirewound) and MOF (Metal Oxide Film) resistors?