KNP-RV100RBTB
AI

The **KNP-RV100RBTB** is a specialized high-precision electronic component, typically categorized as a **Wirewound Resistor**. Components in the KNP series are known for their ability to handle high power loads and surge currents while maintaining stability.
---
### 1. Technical Specifications
Below is a breakdown of the typical electronic characteristics associated with this part number:
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Wirewound Resistor |
| **Resistance Value** | 100 Ohms ($\Omega$) |
| **Tolerance** | $\pm$ 0.1% (Ultra-Precision) |
| **Power Rating** | 1 Watt (Standard for RV series) |
| **Temperature Coefficient** | Low TCR (typically 20-50 ppm/°C) |
| **Construction** | Ceramic core with resistance wire winding |
| **Coating** | Flameproof silicone or epoxy coating |
---
### 2. Key Electronic Features
The KNP-RV series is designed with specific electrical behaviors:
* **Pulse & Surge Handling:** Unlike film resistors, the wirewound construction allows it to absorb significant energy surges without burning out.
* **Precision (B-Tolerance):** The "B" in the part number often signifies a 0.1% tolerance, making it suitable for measurement circuits where accuracy is critical.
* **Non-Inductive Options:** While standard wirewounds have inductance, the "RV" variant is often optimized for lower noise and better stability in power applications.
* **Thermal Stability:** It can operate at high temperatures (up to 155°C or higher) due to its ceramic core and specialized coating.
---
### 3. Common Applications
Due to its precision and power handling, the KNP-RV100RBTB is used in:
1. **Current Sensing:** Used as a shunt or sense resistor in power supplies.
2. **Voltage Dividers:** In high-precision instrumentation where the 0.1% tolerance ensures accurate scaling.
3. **Industrial Controls:** In circuits requiring high reliability under thermal stress.
4. **Audio Equipment:** Preferred in high-end audio for its low thermal noise compared to carbon composition resistors.
---
### 4. Part Number Decoder (Typical)
| Code | Meaning |
| :--- | :--- |
| **KNP** | Series Name (Wirewound Resistor) |
| **RV** | Specialized/Vertical or Flameproof Type |
| **100R** | 100 Ohms resistance |
| **B** | 0.1% Tolerance |
| **TB** | Tape & Box (Packaging style) |
- ⤷
What is the maximum operating temperature for the KNP-RV series?
- ⤷ How does a wirewound resistor compare to a metal film resistor in terms of surge protection?
- ⤷ Is the KNP-RV100RBTB available in surface-mount (SMD) packages?