Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • KNP-RV100RGTB

  • AI
    The **KNP-RV100RGTB** is a specific part number typically associated with a **Wirewound Resistor**. This component is designed for power applications where reliability, heat dissipation, and stability are critical. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specification Table | Feature | Description | | :--- | :--- | | **Component Type** | Wirewound Resistor (Power Type) | | **Series** | KNP (Standard Wirewound) | | **Resistance Value** | 100 $\Omega$ (indicated by "100R") | | **Tolerance** | $\pm 2\%$ or $\pm 5\%$ (Typically "G" or "J" suffix) | | **Power Rating** | 1 Watt (Standard for RV series sizing) | | **Coating** | Flameproof Silicone/Ceramic | --- ### 2. Breakdown of Part Number Nomenclature The part number can be decoded as follows: * **KNP**: Refers to the series (Fixed Wirewound Resistor). * **RV**: Often denotes a specific physical sizing or lead forming style (e.g., vertical mount or specific radial configuration). * **100R**: The resistance value, which is **100 Ohms**. * **G**: Represents the tolerance (typically **$\pm 2\%$**). * **TB**: Indicates the packaging style, usually **Taped & Boxed** (Ammo Pack). --- ### 3. Key Electronic Characteristics #### A. Power Dissipation Wirewound resistors like the KNP series are excellent at handling high power loads compared to carbon film resistors. They dissipate heat efficiently through a ceramic core and specialized coating. #### B. Pulse Handling Because the resistive element is a physical wire wrapped around a core, these parts can withstand significant energy surges or pulses without failing, making them ideal for inrush current limiting. #### C. Temperature Stability They feature a low **Temperature Coefficient of Resistance (TCR)**. This means the resistance value stays relatively constant even as the component heats up during operation. #### D. Flameproof Protection The "KNP" series usually features a multi-layer non-flammable coating. If the resistor fails due to extreme overload, it will not emit flames or cause a fire on the PCB. --- ### 4. Typical Applications * **Power Supplies:** Used as a bleeder resistor or for voltage dropping. * **Motor Controllers:** For current sensing or braking. * **Automotive Electronics:** Due to high vibration resistance and thermal stability. * **Home Appliances:** Used in the input stage of AC/DC converters for surge protection. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the KNP series?
    • ⤷ How does a wirewound resistor compare to a metal film resistor in pulse applications?
    • ⤷ What are the physical dimensions of the RV100 package?