KNS-BC-R
AI

The **KNS-BC-R** typically refers to a specific series or model of an electronic component, most commonly associated with **rotary knobs** used for potentiometers or rotary encoders, or in some industrial contexts, a specific connector or relay housing.
Based on standard electronic manufacturing catalogs, the "KNS" prefix often denotes **control knobs** with specific technical specifications.
---
## Technical Overview: KNS-BC-R
The KNS series is designed for precision control in audio, industrial, and testing equipment. Below are the electronic and mechanical parts/features typically associated with this model.
### 1. Component Specifications
| Feature | Description |
| :--- | :--- |
| **Material** | Usually Phenolic resin (Bakelite) or Aluminum with a plastic core. |
| **Insert Material** | Brass or Steel bushing for durability. |
| **Mounting Type** | Set-screw (standard) or Spline/D-shaft fit. |
| **Indicator** | Typically features a white "Index" line (The "R" often denotes a specific color or indicator style). |
| **Shaft Diameter** | Standard 6.0mm or 6.35mm (1/4") compatibility. |
### 2. Physical Characteristics
* **Grip Surface:** Ribbed or knurled edges to prevent slippage during manual adjustment.
* **Insulation:** High dielectric strength to protect the user from potential static or electrical leakage from the potentiometer shaft.
* **Heat Resistance:** Designed to withstand high operating temperatures common in power electronics.
---
## Internal & Associated Parts
While the KNS-BC-R is an external interface part, it works in conjunction with the following electronic components:
1. **Potentiometers:** The knob acts as the mechanical lever to change resistance in an analog circuit.
2. **Rotary Encoders:** Used in digital systems to provide pulse feedback for menu navigation or volume control.
3. **Set Screws:** A small internal M3 or M4 screw used to lock the knob onto the flat side of a shaft to prevent "play" or slipping.
### Installation Layout
```text
[ Knob Cap (KNS-BC-R) ]
|
[ Brass Bushing / Set Screw ]
|
[ Potentiometer Shaft (6mm) ]
|
[ Electronic PCB / Panel Mount ]
```
---
## Common Applications
* **Audio Equipment:** Mixers, amplifiers, and synthesizers.
* **Test Instruments:** Oscilloscopes and signal generators.
* **Industrial Controls:** Calibration of machinery and motor speed controllers.
- ⤷
What is the exact shaft diameter supported by the KNS-BC-R model?
- ⤷ Are there different color variations for the indicator line on this part?
- ⤷ Does this model require a specific tool for installation?