KPAU-B2M2-R
AI

The **KPAU-B2M2-R** is a specific model of an **Antenna Internal Cable / Pigtail Assembly**, typically used in wireless networking hardware. It serves as the bridge between a wireless module (like a Wi-Fi card) and an external antenna connector.
Below is a detailed breakdown of its electronic components and technical specifications.
---
## 1. Physical and Electronic Components
| Component | Specification | Description |
| :--- | :--- | :--- |
| **Connector A** | **U.FL (IPEX/MHF1)** | A miniature RF connector that plugs directly onto a M.2 or Mini-PCIe wireless card. |
| **Connector B** | **RP-SMA Female** | A bulkhead connector with a threaded exterior and a center pin (Reverse Polarity SMA). |
| **Cable Type** | **RG-178 / 1.13mm** | Coaxial cable designed for high-frequency signal integrity and minimal loss. |
| **Length** | **200mm (Standard)** | The "2M" in the part number often refers to the 20cm length. |
---
## 2. Technical Specifications
### RF Performance
* **Frequency Range:** 0 to 6 GHz (Supports Wi-Fi 2.4GHz, 5GHz, and Wi-Fi 6E).
* **Impedance:** 50 Ohms (Standard for RF communication).
* **VSWR (Voltage Standing Wave Ratio):** Typically ≤ 1.5:1, ensuring efficient power transfer with minimal reflection.
### Mechanical Properties
* **Bulkhead Mount:** The RP-SMA end features a nut and washer, allowing it to be securely mounted to the chassis of an industrial PC or router.
* **O-Ring:** Many versions include a rubber O-ring for environmental sealing (water/dust resistance).
---
## 3. Common Applications
This part is essential in the following hardware setups:
1. **Industrial PCs:** Connecting internal M.2 Wi-Fi modules to the outer casing.
2. **Custom Router Builds:** Used with boards like Raspberry Pi (with HATs) or Jetson Nano.
3. **IoT Gateways:** Ensuring the internal radio signal reaches an external high-gain antenna.
---
## 4. Part Number Breakdown (KPAU-B2M2-R)
* **KP:** Manufacturer prefix (often KPEW or similar brands).
* **AU:** Refers to the U.FL connector type.
* **B2:** Indicates a Bulkhead SMA style.
* **M2:** Refers to the cable length (200mm).
* **R:** Signifies **RP-SMA** (Reverse Polarity), the standard for Wi-Fi equipment.
- ⤷What is the difference between SMA and RP-SMA in this cable?
- ⤷ Does this cable support Wi-Fi 6E frequencies?
- ⤷ How do I measure the signal loss for a 200mm RG-178 cable?