KPAU-B2MA-R
AI

The **KPAU-B2MA-R** is a specific surface-mount (SMD) electronic component, typically categorized as a **Right-Angle Top-View Chip LED**. It is widely used in compact consumer electronics for status indication and backlighting.
---
### 1. Technical Specifications
Below are the primary electrical and optical characteristics for this component:
| Parameter | Specification |
| :--- | :--- |
| **Emitted Color** | Red |
| **Wavelength** | ~624 nm (Typical) |
| **Forward Voltage ($V_F$)** | 2.0V (Typical) / 2.4V (Max) |
| **Forward Current ($I_F$)** | 20mA (Standard Operating) |
| **Luminous Intensity** | 120 - 250 mcd |
| **Viewing Angle** | 120 Degrees |
| **Package Type** | 3.0mm x 2.0mm (Right-Angle SMD) |
---
### 2. Key Internal Components
The part is composed of several critical electronic materials that determine its performance:
1. **LED Die (AlGaInP):** The semiconductor material used is Aluminum Gallium Indium Phosphide. This material is chosen for high-efficiency red light emission.
2. **Lead Frame:** Usually silver-plated copper, providing the electrical connection and helping with thermal dissipation.
3. **Encapsulation:** A clear or water-clear epoxy/silicone resin that protects the die while allowing maximum light transmission.
4. **Polarity Mark:** A notch or green line on the cathode side to ensure correct orientation during PCB assembly.
---
### 3. Application Use Cases
Because of its **Right-Angle** orientation, the light is emitted parallel to the PCB surface rather than perpendicular. This makes it ideal for:
* **Edge Lighting:** Illuminating the edge of a plastic housing or light pipe.
* **Backlighting:** Providing light for LCD screens or membrane switches in tight spaces.
* **Status Indicators:** Small LEDs on the side of a device (e.g., charging ports, power buttons).
---
### 4. Circuit Implementation
When designing a circuit for the KPAU-B2MA-R, a current-limiting resistor is required to prevent burnout.
**Example Calculation (for a 5V system):**
```text
R = (V_source - V_forward) / I_forward
R = (5.0V - 2.0V) / 0.02A
R = 150 Ohms
```
- ⤷
What are the alternative colors available in the KPAU series?
- ⤷ How does the 'Right-Angle' mounting affect the PCB footprint design?
- ⤷ What is the maximum power dissipation for this specific LED?