KPE-16-R
AI

The **KPE-16-R** is an electronic component primarily known as a **Piezoelectric Audio Indicator (Buzzer)**. It is widely used in electronics to provide audible feedback or alarm signals.
---
### 1. Technical Specifications
The KPE-16-R is a self-drive buzzer, meaning it contains an internal oscillating circuit and only requires a DC voltage to operate.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Type** | Piezoelectric Indicator |
| **Rated Voltage** | 12V DC |
| **Operating Voltage** | 3V to 20V DC |
| **Current Consumption** | Max 10mA |
| **Sound Pressure Level** | ~75dB at 30cm |
| **Resonant Frequency** | 3.5 kHz ± 0.5 kHz |
| **Tone Type** | Continuous |
| **Mounting Type** | Through-hole (PC Pins) |
---
### 2. Key Components & Working Principle
The device consists of three main internal parts:
1. **Piezoelectric Ceramic Element:** A thin disc that vibrates when an electric field is applied.
2. **Internal Oscillator:** A circuit that converts stable DC power into a specific frequency (AC-like signal) to drive the ceramic element.
3. **Plastic Housing:** Acts as a resonant chamber to amplify the sound produced by the vibration.
---
### 3. Usage & Implementation
Because it has an internal driver, the implementation is very simple. Unlike a "Transducer" (which requires an external PWM signal), the "Indicator" simply needs power.
#### Example Circuit Connection
```cpp
// Logic for an Arduino or MCU
// KPE-16-R Positive (+) to Pin 9
// KPE-16-R Negative (-) to GND
void setup() {
pinMode(9, OUTPUT);
}
void loop() {
digitalWrite(9, HIGH); // Buzzer turns ON
delay(1000);
digitalWrite(9, LOW); // Buzzer turns OFF
delay(1000);
}
```
---
### 4. Advantages and Applications
* **Low Power:** Consumes very little current compared to magnetic buzzers.
* **Wide Voltage Range:** Can work with various power supplies (5V, 9V, 12V).
* **Applications:**
* Household appliances (Microwave beeps).
* Industrial equipment alarms.
* Medical instrumentation.
* Security systems.
- ⤷What is the difference between the KPE-16-R and a passive piezo transducer?
- ⤷ How do I calculate the resistor needed if I use a voltage higher than 20V?
- ⤷ Can the KPE-16-R produce different musical notes?