KPE-55-R
AI

The **KPE-55-R** is a specific electronic component commonly used in industrial automation, robotics, and CNC machinery. It is primarily identified as a **Circular Connector** or a **Limit Switch/Sensor Component**, often associated with brands like **Koganei** or specialized electronics manufacturers.
Below is a breakdown of its technical specifications and electronic characteristics.
### 1. General Specifications
The KPE-55-R is typically designed for high-durability environments where precision signal transmission is required.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Circular Connector / Proximity Switch Accessory |
| **Connection Type** | Multi-pin (usually 5-pin configuration) |
| **Housing Material** | Nickel-plated brass or robust plastic |
| **Mounting Style** | Panel Mount or Threaded (M12/M18 standard) |
| **Environmental Rating** | Often IP65 or IP67 (Dust/Water resistant) |
---
### 2. Electronic Characteristics
In a typical circuit, the KPE-55-R functions as an interface between a sensor and a controller (PLC).
* **Voltage Rating:** Usually rated for **10V to 30V DC**, standard for industrial control systems.
* **Current Capacity:** Designed for low-current signal transmission (typically **< 200mA**).
* **Contact Resistance:** Extremely low (milliohms) to ensure signal integrity for sensors.
* **LED Indicator:** Often includes a built-in LED (Red/Green) to indicate power status or signal actuation.
---
### 3. Pinout Logic (Common 5-Pin Standard)
If used as an M12-style connector interface, the internal wiring generally follows this logic:
```json
{
"Pin 1": "Brown (+VCC)",
"Pin 2": "White (NC - Normally Closed)",
"Pin 3": "Blue (GND/0V)",
"Pin 4": "Black (NO - Normally Open / Signal)",
"Pin 5": "Gray (Functional Earth/Shield)"
}
```
---
### 4. Typical Applications
The "R" suffix often denotes **RoHS compliance** or a specific **Right-angle** orientation.
1. **Pneumatic Cylinders:** Used to detect the position of a piston.
2. **CNC Tool Changers:** Provides feedback on whether a tool is locked in place.
3. **Safety Interlocks:** Ensures a machine guard is closed before operation.
---
- ⤷
What is the exact pinout configuration for the KPE-55-R in a 24V PLC system?
- ⤷ Is the KPE-55-R compatible with standard M12 industrial cables?
- ⤷ Does the 'R' in the model number indicate a specific orientation or RoHS compliance?