KPY51-RK
AI

## Overview of the KPY51-RK
The **KPY51-RK** is a specialized silicon pressure sensor based on the piezoresistive principle. It is primarily designed for high-precision pressure measurement in industrial and automotive applications. It belongs to the KPY family of sensors, known for their robustness and reliability.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Sensor Type** | Piezoresistive Pressure Sensor |
| **Pressure Range** | 0 to 1.6 bar (Typical for this series) |
| **Input Voltage** | 5V to 10V (Typical) |
| **Sensitivity** | High (mV/bar) |
| **Housing** | TO-style package (often TO-72 or similar) |
| **Operating Temp** | -40°C to +125°C |
---
### 2. Internal Electronic Structure
The electronic operation of the KPY51-RK relies on a **Wheatstone Bridge** configuration integrated onto a silicon chip.
1. **Diaphragm:** A thin silicon membrane that deflects under pressure.
2. **Piezoresistors:** Four resistors are ion-implanted into the silicon diaphragm.
3. **The Bridge:** When pressure is applied, the mechanical stress changes the resistance of the elements (piezoresistive effect).
4. **Output:** The imbalance of the Wheatstone bridge produces a differential voltage output proportional to the applied pressure.
---
### 3. Pin Configuration
The device typically features a 4-pin or 6-pin layout depending on the specific variant of the RK housing.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | $V_{in}$ (+) | Positive supply voltage |
| **2** | $V_{out}$ (+) | Positive differential output |
| **3** | $V_{in}$ (-) | Negative supply (Ground) |
| **4** | $V_{out}$ (-) | Negative differential output |
---
### 4. Application Integration
Because the KPY51-RK produces a raw millivolt (mV) signal, it usually requires an external **Signal Conditioning Circuit**:
* **Instrumentation Amplifier:** To amplify the low-level differential signal to a usable 0-5V range.
* **ADC (Analog to Digital Converter):** To interface the sensor with microcontrollers like Arduino or STM32.
* **Temperature Compensation:** Since silicon resistors are sensitive to heat, external resistors or software algorithms are used to correct thermal drift.
---
### 5. Notable Features
* **High Linearity:** The relationship between pressure and output voltage is highly straight.
* **Media Compatibility:** Usually designed for non-corrosive gases and liquids.
* **Compactness:** The "RK" designation refers to the specific radial lead/package style, making it easy to mount on PCBs.
- ⤷
What is the difference between the KPY51-RK and the KPY52 variant?
- ⤷ How do I calculate the pressure based on the millivolt output?
- ⤷ Can this sensor be used with corrosive liquids?