AI

The **KRTB-2152-R** is a specific type of Tri-color (RGB) Light Emitting Diode (LED) commonly used in consumer electronics, automotive interiors, and decorative lighting. It is manufactured by companies like Kingbright.
---
## 1. Core Technical Specifications
The KRTB-2152-R is an **SMD (Surface Mount Device)** component. It houses three separate LED chips (Red, Green, and Blue) within a single package.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Package Size** | 2.1mm x 2.1mm (0808 equivalent) |
| **Emitted Colors** | Red (625nm), Green (525nm), Blue (470nm) |
| **Forward Voltage ($V_f$)** | R: 2.0V | G: 3.3V | B: 3.3V |
| **Forward Current ($I_f$)** | 20mA (per color channel) |
| **Luminous Intensity** | R: 120mcd | G: 280mcd | B: 80mcd |
| **Viewing Angle** | 120 Degrees |
| **Polarity** | Common Anode or Common Cathode (Check Datasheet) |
---
## 2. Pinout and Circuitry
To control the KRTB-2152-R, you must address each color channel independently. This allows for color mixing (e.g., turning on Red and Blue to create Purple).
### Basic Wiring Concept
```text
(Anode/Cathode) ----> [Resistor] ----> [LED Chip] ----> (Ground/Power)
```
### Component Structure
1. **Red Die:** Uses AlGaInP material.
2. **Green Die:** Uses InGaN material.
3. **Blue Die:** Uses InGaN material.
4. **Epoxy:** Usually water-clear or diffused to allow for better color blending.
---
## 3. Key Electronic Features
* **Color Mixing:** By using **PWM (Pulse Width Modulation)**, you can vary the brightness of each individual chip to produce millions of colors, including white.
* **Compact Footprint:** The 2152 package is extremely small, making it ideal for high-density PCBs or backlight arrays.
* **Thermal Management:** Because it is an SMD component, the PCB copper traces act as a heatsink. Excessive current without proper resistors will lead to thermal runaway and failure.
---
## 4. Typical Applications
* **Backlighting:** LCD displays, switches, and buttons.
* **Status Indicators:** Devices that need to show different states (e.g., Green for "Ready", Red for "Error").
* **Wearables:** Smartwatches and fitness trackers due to the low power profile and small size.
- ⤷
What are the recommended resistor values for a 5V supply with this LED?
- ⤷ Is the KRTB-2152-R available in a common anode or common cathode configuration?
- ⤷ How do I calculate the power consumption when all three colors are active?