AI

### Overview of KRTB-312-R
The **KRTB-312-R** is a high-performance **Tri-color (RGB) LED** manufactured by Kingbright. It is designed for applications requiring high brightness, color mixing, and surface-mount technology (SMT) compatibility. It typically integrates three separate LED chips (Red, Green, and Blue) into a single compact package.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Package Type** | 4-PLCC (Surface Mount) |
| **Colors** | Red, Green, Blue (RGB) |
| **Common Terminal** | Common Anode or Common Cathode (Check specific sub-variant) |
| **Wavelength (Red)** | ~621 nm |
| **Wavelength (Green)** | ~525 nm |
| **Wavelength (Blue)** | ~470 nm |
| **Operating Voltage (Vf)** | Red: 2.0V | Green: 3.3V | Blue: 3.3V |
| **Luminous Intensity** | High Output (mcd ratings vary by bin) |
---
### Internal Circuitry and Pinout
The device features four pins. In a **Common Anode** configuration (the most standard for this series), the pins are typically assigned as follows:
1. **Pin 1:** Cathode (Blue)
2. **Pin 2:** Cathode (Green)
3. **Pin 3:** Cathode (Red)
4. **Pin 4:** Common Anode (+)
#### Driving the Component
To control the color, you must use **Pulse Width Modulation (PWM)** on the individual cathode lines. By varying the duty cycle of each color, you can produce millions of color combinations, including white.
---
### Design Considerations
1. **Current Limiting:** Always use series resistors for each color. Because the Forward Voltage ($V_f$) of Red is lower than Green/Blue, the resistor value for Red must be higher to maintain consistent brightness.
2. **Heat Dissipation:** While small, these LEDs can generate heat at maximum brightness. Ensure the PCB layout includes sufficient copper area for thermal relief.
3. **Moisture Sensitivity:** As an SMD component, it has a specific Moisture Sensitivity Level (MSL). It should be baked if it has been exposed to humidity before reflow soldering.
---
### Example Arduino Connection Code
If using this LED with a microcontroller, the logic involves setting the common pin to HIGH (for Common Anode) and pulling the RGB pins LOW through resistors.
```cpp
// Pin Definitions
const int redPin = 9;
const int greenPin = 10;
const int bluePin = 11;
void setup() {
pinMode(redPin, OUTPUT);
pinMode(greenPin, OUTPUT);
pinMode(bluePin, OUTPUT);
}
void loop() {
// Example: Fading to Purple
analogWrite(redPin, 127); // 50% brightness
analogWrite(greenPin, 0); // Off
analogWrite(bluePin, 127); // 50% brightness
}
```
- ⤷
What are the specific resistor values recommended for a 5V supply with this LED?
- ⤷ Is there a Common Cathode version of the KRTB-312 series?
- ⤷ What is the peak forward current for the KRTB-312-R?