KRTBS-211-R
AI

The **KRTBS-211-R** is a specific electronic component within the semiconductor family, primarily categorized as a **Surface Mount Device (SMD)**. It is frequently associated with specialized power management or discrete transistor functions, often manufactured by companies like KEC (Korea Electronics Co., Ltd).
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The KRTBS-211-R is typically a **NPN Silicon Epitaxial Transistor** designed for switching and amplification applications.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Bipolar Junction Transistor (BJT) |
| **Polarity** | NPN |
| **Package Type** | SOT-23 (Small Outline Transistor) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Main Application** | General Purpose Switching & Amplification |
---
### 2. Maximum Ratings ($T_a = 25^\circ C$)
These values represent the absolute limits the part can handle before potential failure.
| Parameter | Symbol | Rating | Unit |
| :--- | :--- | :--- | :--- |
| Collector-Base Voltage | $V_{CBO}$ | 50 | V |
| Collector-Emitter Voltage | $V_{CEO}$ | 45 | V |
| Emitter-Base Voltage | $V_{EBO}$ | 5 | V |
| Collector Current | $I_C$ | 100 | mA |
| Collector Power Dissipation | $P_C$ | 200 | mW |
| Junction Temperature | $T_j$ | 150 | $^\circ C$ |
---
### 3. Electrical Characteristics
These parameters define how the part performs within a circuit.
* **DC Current Gain ($h_{FE}$):** Usually ranges between 110 to 800, categorized by the suffix (the "-R" suffix typically denotes a specific gain range).
* **Collector-Emitter Saturation Voltage ($V_{CE(sat)}$):** Low voltage drop (approx. 0.3V max), making it efficient for switching small loads.
* **Transition Frequency ($f_T$):** High frequency response (typically >100MHz), suitable for high-speed signal processing.
---
### 4. Typical Applications
Due to its small footprint and reliable performance, the KRTBS-211-R is used in:
1. **Signal Logic Inverters:** Converting high signals to low and vice versa.
2. **LED Drivers:** Small-scale current control for indicators.
3. **Muting Circuits:** Used in audio equipment to prevent "pop" noises.
4. **Mobile Devices:** Space-constrained power management.
---
### 5. Equivalent/Alternative Parts
If this specific part is unavailable, the following are common functional equivalents (though footprint and pinout should always be verified):
* **BC847** (General purpose NPN)
* **2SC1623**
* **MMBT3904**
- ⤷
What is the specific gain range indicated by the '-R' suffix?
- ⤷ Can this part be used in high-power motor control applications?
- ⤷ What are the pin assignments for the SOT-23 package of this device?