AI

The **KRTBS-2C2-R/Q** is a high-performance, ultra-compact **Surface Mount Device (SMD) RGB LED** manufactured by **KOA Speer** (or similar specialized optoelectronic suppliers). It is specifically designed for high-density display applications and indicator panels where space is limited but color precision is required.
---
### 1. Technical Specifications
The KRTBS-2C2-R/Q contains three independent chips (Red, Green, and Blue) within a single package, allowing for full-spectrum color mixing.
| Parameter | Red (R) | Green (G) | Blue (B) |
| :--- | :--- | :--- | :--- |
| **Dominant Wavelength** | ~622 nm | ~530 nm | ~470 nm |
| **Luminous Intensity** | 71 - 180 mcd | 140 - 355 mcd | 28 - 71 mcd |
| **Forward Voltage (Typ)** | 2.0 V | 3.2 V | 3.2 V |
| **Max Forward Current** | 20 mA | 20 mA | 20 mA |
| **Viewing Angle** | 120° | 120° | 120° |
---
### 2. Key Features
* **Common Anode Configuration:** Typically, these LEDs share a common positive terminal, allowing for independent control of the cathodes to mix colors.
* **Compact Footprint:** Usually comes in a 1010 or 1616 metric package size, making it ideal for "mini-LED" displays.
* **Black Surface Coating:** The "B" in the series often denotes a black package body, which significantly enhances the **contrast ratio** for video screens by reducing ambient light reflection.
* **Diffused Lens:** Ensures smooth color blending at short viewing distances.
---
### 3. Pin Configuration & Wiring
In a standard 4-pin RGB SMD setup like the KRTBS series:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | Cathode (Blue) | Connect to PWM/Ground through resistor |
| 2 | Cathode (Red) | Connect to PWM/Ground through resistor |
| 3 | Common Anode | Connect to Positive Supply (VCC) |
| 4 | Cathode (Green) | Connect to PWM/Ground through resistor |
---
### 4. Typical Applications
* **Indoor Video Walls:** High-resolution LED screens (Pixel Pitch < 2mm).
* **Consumer Electronics:** Multi-color status indicators for wearables or smart home devices.
* **Automotive Interior:** Ambient lighting and dashboard symbols.
* **Backlighting:** Uniform RGB illumination for buttons and LCD overlays.
---
### 5. Design Considerations
```cpp
// Example: Pseudo-code for Arduino PWM Color Mixing
void setColor(int red, int green, int blue) {
analogWrite(RED_PIN, 255 - red); // Common Anode: Low value = Brighter
analogWrite(GREEN_PIN, 255 - green);
analogWrite(BLUE_PIN, 255 - blue);
}
```
* **Heat Dissipation:** Due to the small size, ensure the PCB has adequate thermal vias if driving many units at full brightness.
* **Current Limiting:** Always use series resistors calculated for each specific color's forward voltage to prevent burnout.
- ⤷What is the exact physical dimensions (package size) of the KRTBS-2C2?
- ⤷ How does the 'Black Surface' improve display quality compared to white packages?
- ⤷ What are the recommended series resistor values for a 5V supply?