AI

The **KRTBS-2CB-R/Q** is a high-performance, surface-mount (SMD) **RGB (Red, Green, Blue) LED** manufactured by **OSRAM Opto Semiconductors**. It belongs to the *DISPLIX Black* family, specifically designed for high-contrast displays and outdoor signage.
---
## 1. Technical Specifications
The device integrates three separate LED chips into a single package, allowing for full-color mixing.
| Parameter | Red (R) | True Green (G) | Blue (B) |
| :--- | :--- | :--- | :--- |
| **Material** | AlInGaP | InGaN | InGaN |
| **Dominant Wavelength** | 623 nm | 530 nm | 471 nm |
| **Luminous Intensity** | ~400 mcd | ~750 mcd | ~150 mcd |
| **Forward Voltage (typ)** | 2.1 V | 2.8 V | 2.9 V |
| **Viewing Angle** | 120° | 120° | 120° |
---
## 2. Key Electronic Features
### A. Common Cathode Configuration
Unlike some RGB LEDs that share an Anode, the KRTBS-2CB-R/Q often utilizes a **Common Cathode** or independent pinout design (6-pin), allowing for precise individual control of each color channel via Pulse Width Modulation (PWM).
### B. "Black" Package Technology
The housing of the LED is black. This is an electronic/optical design choice to:
* **Reduce Reflections:** Minimizes ambient light reflection.
* **Enhance Contrast:** Ensures that when the LED is "OFF," the screen looks pitch black, which is vital for high-end outdoor video walls.
### C. Robustness and Reliability
* **ESD Protection:** Built-in protection diodes (up to 2kV) to prevent damage from static electricity during handling.
* **Thermal Management:** Designed with a low thermal resistance to dissipate heat efficiently, extending the lifespan of the chips.
---
## 3. Typical Circuit Application
To drive this component, you typically use a constant current LED driver or a microcontroller with series resistors.
```cpp
// Example: Pseudo-code for driving the RGB LED via PWM
void setColor(int r, int g, int b) {
analogWrite(RED_PIN, r); // Adjust brightness of Red
analogWrite(GREEN_PIN, g); // Adjust brightness of Green
analogWrite(BLUE_PIN, b); // Adjust brightness of Blue
}
```
---
## 4. Usage Considerations
1. **Current Limiting:** Always use a resistor or a constant-current driver. Because Red, Green, and Blue have different forward voltages ($V_f$), they require different resistor values to achieve a balanced white color.
2. **Moisture Sensitivity:** As an SMD component, it is rated at **MSL 4**. It must be stored in a dry environment and baked if exposed to humidity before soldering to prevent the "popcorn effect."
- ⤷
What are the recommended resistor values for a 5V supply with this LED?
- ⤷ How does the 'Black' package improve outdoor display visibility compared to white packages?
- ⤷ What is the pinout configuration for the KRTBS-2CB-R/Q?