AI

## KRTBS-4B1-R: Electronic Specifications and Technical Overview
The **KRTBS-4B1-R** is a high-performance, surface-mount (SMD) **RGB Multi-chip LED** manufactured by **OSRAM Opto Semiconductors** (now ams OSRAM). It is part of the Multi CHIPLED family, specifically designed for full-color video walls, indoor displays, and decorative lighting applications.
---
### 1. Key Technical Specifications
The device integrates three individual chips (Red, True Green, and Blue) within a single compact package.
| Parameter | Red (623 nm) | True Green (530 nm) | Blue (471 nm) |
| :--- | :--- | :--- | :--- |
| **Material** | AlGaInP | InGaN | InGaN |
| **Luminous Intensity (typ.)** | 355 mcd | 710 mcd | 160 mcd |
| **Forward Voltage (typ.)** | 2.05 V | 2.85 V | 2.85 V |
| **Max Forward Current** | 25 mA | 25 mA | 25 mA |
| **Viewing Angle** | 120° | 120° | 120° |
---
### 2. Component Design & Architecture
#### Package Details
- **Type:** SMT package with a black surface.
- **Surface:** The black body enhances contrast, making it ideal for high-definition video screens where deep black levels are required.
- **Dimensions:** Approximately 1.6 mm x 1.6 mm x 0.9 mm.
- **Lead Finish:** Au (Gold) plating, which ensures excellent solderability and corrosion resistance.
#### Internal Wiring
The KRTBS-4B1-R typically uses a **Common Anode** or a specific 4-pin configuration that allows for independent control of each color channel via Pulse Width Modulation (PWM).
---
### 3. Critical Features
1. **High Contrast:** The diffused black epoxy resin minimizes reflections from ambient light.
2. **Color Uniformity:** Advanced binning processes ensure consistent color across large-scale display modules.
3. **Robustness:** High ESD (Electrostatic Discharge) withstand voltage (up to 2kV per JESD22-A114-F).
4. **Thermal Management:** Designed for low thermal resistance to ensure longevity during continuous operation.
---
### 4. Implementation Circuitry
To drive this component, a constant current LED driver is recommended. Below is a conceptual representation of the electrical connection:
```cpp
// Logic for driving the KRTBS-4B1-R via PWM
void setColor(int redVal, int greenVal, int blueVal) {
analogWrite(RED_PIN, redVal); // Adjust Red brightness
analogWrite(GREEN_PIN, greenVal); // Adjust Green brightness
analogWrite(BLUE_PIN, blueVal); // Adjust Blue brightness
}
```
---
### 5. Common Applications
* **Indoor LED Walls:** High-resolution video displays for advertising or stadiums.
* **Consumer Electronics:** Indicator lights requiring a wide gamut of colors.
* **Backlighting:** Specialized illumination for control panels and switches.
- ⤷
What are the recommended soldering profiles for the KRTBS-4B1-R?
- ⤷ How does the 'Black Surface' technology impact the total light output compared to white packages?
- ⤷ Which LED driver ICs are best suited for controlling high-density arrays of these LEDs?