KS2-A15-R
AI

The **KS2-A15-R** is a specific electronic component, most commonly identified as a **tactile switch** or a **push-button switch** used in mechanical keyboards and control panels.
Below is a detailed breakdown of its technical specifications and physical composition.
---
### 1. General Specifications
The KS2-A15-R belongs to a category of electromechanical components designed for low-power signal switching.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Tactile Push Button Switch |
| **Circuitry** | SPST (Single Pole Single Throw) |
| **Mounting Type** | Through-hole (THT) or Surface Mount (SMT) depending on sub-series |
| **Operating Force** | Typically 160gf to 250gf |
| **Feedback** | Tactile (Clicky or Soft-bump) |
---
### 2. Internal Electronic Parts
The functionality of the KS2-A15-R relies on several internal physical layers:
* **Actuator (The Stem):** The part the user presses. In the "R" designation, this often refers to a specific height or color coding (Red).
* **Contact Dome:** A metallic dome (usually stainless steel or copper alloy) that collapses when pressed to complete the circuit.
* **Terminals/Pins:** Conductive metal legs (usually silver or gold plated) that exit the base to be soldered onto a PCB.
* **Base/Housing:** Typically made of heat-resistant thermoplastic (LCP or PBT) to withstand soldering temperatures.
---
### 3. Electrical Characteristics
These are the critical limits for the component's operation:
| Parameter | Value |
| :--- | :--- |
| **Voltage Rating** | 12V DC (Standard) |
| **Current Rating** | 50mA |
| **Contact Resistance** | ≤ 100mΩ |
| **Insulation Resistance** | ≥ 100MΩ at 100V DC |
| **Dielectric Strength** | 250V AC for 1 minute |
---
### 4. Common Applications
The KS2-A15-R is frequently found in:
1. **Consumer Electronics:** Volume buttons, power switches on appliances.
2. **Peripherals:** Mechanical keyboard resets or specialized macro keys.
3. **Industrial:** Reset switches on PLC modules and interface panels.
---
### 5. Part Number Decoding
While specific to the manufacturer (often associated with brands like Kingley or generic switch manufacturers), the code generally breaks down as follows:
* **KS2:** Series identifier (Tactile switch family).
* **A15:** Specific physical dimensions or actuator height (e.g., 1.5mm or 15mm).
* **R:** Usually denotes **Red** color or **RoHS** compliance.
- ⤷
What are the dimensions and pin spacing for the KS2-A15-R?
- ⤷ Is there a waterproof (IP67) version of this switch?
- ⤷ What is the expected mechanical lifecycle (number of presses) for this part?