Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • KSF-AB-R/CE

  • AI
    The **KSF-AB-R/CE** is a specialized electronic component primarily categorized as an **Industrial Safety Relay Module** or a **Safety Controller Expansion Unit**. It is commonly used in machinery automation to monitor safety devices (like light curtains, emergency stops, or safety gates) and ensure a fail-safe shutdown of equipment. --- ### Technical Specifications & Features Below is a breakdown of the typical technical attributes for this series: | Parameter | Description | | :--- | :--- | | **Component Type** | Safety Relay / Monitoring Module | | **Supply Voltage** | Typically 24V DC (Standard for industrial control) | | **Contact Configuration** | Usually 3NO (Normally Open) safety outputs + 1NC (Normally Closed) auxiliary | | **Response Time** | < 20ms (High-speed triggering for safety compliance) | | **Safety Category** | SIL 3 / PLe (Depending on wiring and architecture) | | **Housing Material** | Polyamide (PA66) / DIN Rail Mountable | | **Certification** | CE (European Conformity), RoHS, TUV | --- ### Key Electronic Sub-systems The "Electronic Parts" within this module are designed for **redundancy** and **self-monitoring**. Here are the core internal components: 1. **Dual Microprocessor / Redundant Logic:** Internally, the KSF-AB-R/CE uses two independent processing paths. If one path fails or detects a discrepancy, the unit defaults to a "Safe State" (contacts open). 2. **Force-Guided Relays:** Unlike standard relays, these use mechanically linked contacts. If a "Normally Open" contact welds shut, the "Normally Closed" contact cannot move, allowing the system to detect the fault electronically. 3. **Feedback Loop (External Device Monitoring - EDM):** The module includes inputs to monitor the status of external contactors. If an external motor starter sticks, the KSF module will prevent a reset. 4. **Diagnostic LEDs:** * **Power:** Indicates supply voltage. * **CH1/CH2:** Indicates the status of the dual-channel safety inputs. * **Fault:** Indicates internal errors or cross-faults in the wiring. --- ### Typical Wiring Application In a standard safety circuit, the KSF-AB-R/CE acts as the "brain" between the input and the motor power. ```mermaid graph LR A[Emergency Stop] --> B[KSF-AB-R/CE Safety Relay] B --> C[Motor Contactor 1] B --> D[Motor Contactor 2] C & D --> E[Industrial Motor] ``` ### Usage Environment * **Factory Automation:** Guarding robotic cells. * **Packaging Machinery:** Monitoring access panels. * **Press Machines:** Interfacing with light curtains to stop high-speed movement. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements to achieve a SIL3 safety rating with this module?
    • ⤷ How does the 'R' suffix in the part number affect the output switching capacity?
    • ⤷ What is the procedure for resetting the module after a cross-fault detection?