AI

The **KSF-BB-R** is a specific electronic component, typically identified as a **Miniature Tactile Switch** (specifically a right-angle, surface-mount button) often used in consumer electronics, automotive interfaces, and industrial controls.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. General Specifications
The KSF series is known for its durability and compact footprint. The "BB" and "R" suffixes indicate specific physical configurations.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Mounting Type** | Surface Mount (SMD) / Right Angle |
| **Actuation Force** | 1.6N to 3.0N (depending on specific sub-model) |
| **Contact Rating** | 50mA @ 32V DC |
| **Dielectric Strength** | 250 Vrms |
| **Operating Life** | 100,000 to 500,000 cycles |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Key Component Features
The KSF-BB-R design focuses on reliability and space-saving.
* **Right Angle Orientation ("R"):** The button is designed so the actuator is parallel to the PCB. This is ideal for side-mounted buttons on devices like tablets, remote's, or car dashboards.
* **Sealing:** Most KSF models are "sealed" (IP60 or IP67), meaning they are protected against dust and/or temporary immersion in water, making them suitable for harsh environments.
* **Tactile Feedback:** Provides a distinct "click" sensation, which confirms to the user that the electrical contact has been made.
---
### 3. Internal Construction
The switch consists of four primary internal parts:
1. **Actuator:** The physical button pressed by the user (usually made of high-temp plastic).
2. **Contact Dome:** A stainless steel or silver-plated disc that collapses when pressed to complete the circuit.
3. **Housing:** A heat-resistant thermoplastic base that holds the terminals.
4. **Terminals:** Silver or gold-plated leads that interface with the PCB traces.
---
### 4. Typical Applications
* **Consumer Electronics:** Power buttons on smartphones, volume rockers, and reset switches.
* **Automotive:** Steering wheel controls, window toggles, and infotainment buttons.
* **Industrial:** Interface panels for PLC (Programmable Logic Controllers).
- ⤷
What is the footprint size of the KSF-BB-R for PCB layout?
- ⤷ Does the KSF-BB-R come in different actuation force variants?
- ⤷ Is this switch compatible with lead-free reflow soldering processes?