KSL-5W2-R/Q
AI

The **KSL-5W2-R/Q** is a high-power, high-current connector typically used in automotive power systems, battery management systems (BMS), or industrial energy storage. These connectors are designed to handle significant electrical loads while ensuring a secure, vibration-resistant connection.
---
### 1. Technical Specifications Overview
The "5W2" designation generally refers to the **D-Sub Hybrid** layout, featuring 5 pins in total: 2 high-power (large) contacts and 3 signal/control (small) contacts.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Contact Arrangement** | 5W2 (2 Power + 3 Signal) |
| **Rated Current (Power)** | 20A - 40A (depending on wire gauge) |
| **Rated Current (Signal)** | 2A - 5A |
| **Voltage Rating** | 250V - 500V AC/DC |
| **Contact Resistance** | < 2.0 mΩ (Power) |
| **Insulation Resistance** | > 5000 MΩ |
| **Operating Temperature** | -55°C to +125°C |
---
### 2. Electronic Component Breakdown
#### A. Contact Pins (The Conductive Path)
* **Material:** Usually made of high-conductivity Copper Alloy.
* **Plating:** Gold over Nickel is standard for the "Q/R" variants to prevent oxidation and maintain low contact resistance over thousands of mating cycles.
* **Power Pins:** These are significantly thicker to handle high amperage without overheating (Joule heating).
#### B. The Housing (Insulator)
* **Material:** Thermoplastic (e.g., PBT or Nylon) reinforced with glass fiber.
* **Safety:** Must meet **UL94V-0** flammability ratings to ensure the part does not support combustion in the event of an electrical short.
#### C. Termination Method
* **R/Q Suffix:** Usually denotes the orientation or mounting style:
* **Right Angle (R):** For PCB mounting where the connector exits the side of the board.
* **Quick Connect/Vertical (Q):** Straight pins for vertical PCB integration.
---
### 3. Application Use Cases
Because this part combines **Power** and **Signal** in one housing, it is used where space is limited but power demands are high:
1. **Drones/UAVs:** Connecting the main battery (Power) while sending telemetry/data (Signal).
2. **Electric Vehicles (EV):** Charging modules or internal power distribution.
3. **Industrial Automation:** Servo motor controllers that require both high-current drive and low-voltage encoder feedback.
---
### 4. Circuit Diagram Representation
In a schematic, this component is represented as a hybrid connector:
```markdown
[ Power + ] ----( Pin 1 )---- [ Load ]
[ Power - ] ----( Pin 2 )---- [ Ground ]
[ Signal A] ----( Pin 3 )---- [ MCU / Sensor ]
[ Signal B] ----( Pin 4 )---- [ MCU / Sensor ]
[ Signal C] ----( Pin 5 )---- [ MCU / Sensor ]
```
- ⤷
What is the maximum wire gauge supported by the power contacts in the KSL-5W2-R?
- ⤷ How does the gold plating thickness affect the 'Q' versus 'R' variants?
- ⤷ Are there waterproof (IP-rated) versions of this specific hybrid connector?