AI

The **KSP-22-R/DN** is a specific model of a **Miniature Slide Switch**, commonly used in electronics for power control, signal routing, or mode selection.
---
### 1. Technical Specifications
Below are the typical electronic characteristics for the KSP-22 series:
| Parameter | Specification |
| :--- | :--- |
| **Circuit Configuration** | DPDT (Double Pole Double Throw) |
| **Switching Positions** | 2 positions (On-On) |
| **Current Rating** | 0.3A at 30V DC (Typical) |
| **Contact Resistance** | ≤ 30mΩ (Initial) |
| **Insulation Resistance** | ≥ 100MΩ at 500V DC |
| **Dielectric Strength** | 500V AC for 1 minute |
| **Mechanical Life** | 10,000 cycles minimum |
---
### 2. Breakdown of the Model Name
While nomenclature can vary slightly by manufacturer (e.g., Kingley or other generic brands), the code usually breaks down as follows:
* **KSP:** Series designation (Miniature Slide Switch).
* **22:** Refers to the internal circuit structure—**2 Poles, 2 Throws (DPDT)**.
* **R:** Often indicates a **Right-Angle** mounting orientation (pins are bent at 90 degrees to the body).
* **DN:** Usually refers to the **PCB Through-Hole** mounting type or a specific knob height/material variation.
---
### 3. Pin Configuration and Circuitry
The DPDT configuration means the switch has **6 pins** in total. It operates as two separate switches controlled by a single physical slider:
```text
Position 1: Position 2:
(1)--[2] (4)--[5] [1]--(2) [4]--(5)
(3) (6) (3) (6)
```
* **Common Pins:** Pin 2 and Pin 5.
* **Operation:** In Position 1, Pin 2 connects to Pin 1. In Position 2, Pin 2 connects to Pin 3. The second pole (Pins 4, 5, 6) operates identically and simultaneously.
---
### 4. Common Applications
* **Small Appliances:** Power ON/OFF switches for battery-operated devices.
* **Audio/Video:** Selecting between different input sources or output modes.
* **DIY Electronics:** Used on breadboards or custom PCBs for logic level switching (High/Low).
* **Computer Peripherals:** Configuration switches for hardware settings.
---
- ⤷What is the difference between a DPDT and a SPDT slide switch?
- ⤷ How do I solder a right-angle slide switch to a PCB?
- ⤷ Can the KSP-22-R/DN handle AC mains voltage?