KSS2GLFS
AI

The **KSS2GLFS** is a specific model of a sub-miniature side-actuated SMT (Surface Mount Technology) tact switch manufactured by **C&K Components** (now part of Littelfuse). It is widely used in consumer electronics, medical devices, and automotive interfaces due to its extremely low profile and durability.
---
### 1. Key Technical Specifications
The electrical and physical characteristics of the KSS2GLFS are summarized in the table below:
| Feature | Specification |
| :--- | :--- |
| **Contact Type** | SPST (Single Pole Single Throw), Normally Open (NO) |
| **Actuation Force** | 2.0 Newtons (approx. 200 grams) |
| **Switching Power (Max)** | 1.0 VA |
| **Switching Voltage (Max)** | 32 VDC |
| **Switching Current (Max)** | 50 mA |
| **Life Cycle** | 100,000 cycles |
| **Operating Temperature** | -40°C to +85°C |
| **Mounting Style** | Gullwing (SMT) |
---
### 2. Physical Design and Dimensions
The "KSS" series is known for its **side-actuated** design, meaning the button is pushed from the side relative to the PCB surface, rather than from the top.
* **Low Profile:** The height of the body is only 1.6mm, making it ideal for slim devices like smartphones or wearable tech.
* **Gullwing Terminals:** The "G" in the part number stands for **Gullwing**, which refers to the shape of the metal leads used for soldering.
* **Tactile Feedback:** Despite its small size, it provides a distinct "click" sensation (haptic feedback) to the user.
---
### 3. Part Number Breakdown (KSS2GLFS)
Understanding the nomenclature helps in identifying the exact variant:
| Prefix/Suffix | Meaning |
| :--- | :--- |
| **KSS** | Series Name (Sub-miniature side-actuated) |
| **2** | Actuation Force (2.0 N) |
| **G** | Terminal Type (Gullwing) |
| **LFS** | Lead-Free Silver plating (RoHS compliant) |
---
### 4. Typical Applications
Because of its small footprint and side-entry actuation, this part is commonly found in:
* **Mobile Handsets:** Volume rockers or power buttons.
* **Wearables:** Smartwatches and fitness trackers.
* **Medical Equipment:** Portable diagnostic tools.
* **Automotive:** Key fobs and steering wheel controls.
---
- ⤷
What is the difference between Gullwing (G) and J-Bend (J) terminals for this series?
- ⤷ How does the LFS coating affect the soldering process?
- ⤷ Can the KSS2GLFS withstand industrial washing processes?