AI

The **KSS321GLFS** is a specific model of a sub-miniature, side-actuated tactile switch manufactured by **C&K Components** (now part of Littelfuse). It is widely used in consumer electronics, automotive interiors, and industrial controls due to its compact size and high reliability.
---
### 1. Key Technical Specifications
The electrical and mechanical characteristics are critical for integrating this part into a PCB design.
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Tactile Switch (Momentary) |
| **Orientation** | Side Actuated (Right Angle) |
| **Contact Rating** | 1 VA max / 32 VDC max |
| **Contact Resistance** | < 100 mΩ |
| **Operating Force** | 1.6 N (approx. 160 grams) |
| **Life Cycles** | 100,000 operations |
| **Mounting Type** | Surface Mount (SMT) / Gullwing |
| **Terminal Material** | Silver Plated (LFS = Lead-Free Silver) |
---
### 2. Physical Design & Dimensions
The "KSS" series is known for its "low profile" side-actuation.
* **Actuator Height:** The KSS321 is designed to be pressed from the side, making it ideal for buttons on the edges of devices (like volume rockers or power buttons).
* **Sealing:** It features a **G** design (as indicated by the 'G' in the part number), which typically refers to a design that provides a level of protection against dust and environmental factors.
* **Footprint:** It uses a "Gullwing" lead configuration for SMT soldering, ensuring strong mechanical stability during the pressing action.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
| Segment | Meaning |
| :--- | :--- |
| **KSS** | Series Name (Sub-miniature side-actuated) |
| **3** | Height/Design variant |
| **2** | Operating Force (2 = 1.6 Newton) |
| **1** | Contact Material (1 = Silver) |
| **G** | Gullwing SMT Terminals |
| **LFS** | Lead-Free, Silver Plated (RoHS compliant) |
---
### 4. Applications
Because of its small footprint and side-entry actuation, you will commonly find the KSS321GLFS in:
* **Mobile Devices:** Power or volume buttons on smartphones.
* **Automotive:** Key fobs, steering wheel controls, or dashboard interfaces.
* **Medical:** Portable diagnostic equipment.
* **Wearables:** Smartwatches and fitness trackers.
---
- ⤷
What is the footprint layout for soldering the KSS321GLFS?
- ⤷ How does the 'LFS' suffix affect the soldering profile?
- ⤷ What are the alternatives to the KSS series for higher force requirements?