Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • KSZ9567R

  • AI
    ## Overview of the KSZ9567R The **KSZ9567R** is a highly integrated, IEEE 802.3 compliant networking device. It is a **7-port Gigabit Ethernet Switch** belonging to the Microchip EtherSynch® family. It is designed for industrial and automotive applications where high reliability and precision timing are required. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Port Count** | 7 Total (5 Integrated PHYs + 2 MAC interfaces) | | **Data Rate** | 10/100/1000 Mbps (Gigabit) | | **Interface (Host)** | RGMII, MII, RMII | | **Control Interface** | I2C, SPI, MIIM (MDIO/MDC) | | **Package** | 128-pin TQFP-EP (14mm x 14mm) | | **Operating Temp** | Industrial (-40°C to +85°C) | --- ### Major Functional Components #### 1. Integrated PHYs (Ports 1-5) The device contains five 10/100/1000BASE-T physical layer transceivers (PHYs). These handle the analog signals required to transmit data over standard copper twisted-pair cables. #### 2. Flexible MAC Interfaces (Ports 6-7) Ports 6 and 7 are configured as MAC-to-MAC or MAC-to-PHY interfaces. * **RGMII:** Reduced Gigabit Media Independent Interface (Most common for high-speed SoC connections). * **MII/RMII:** Supported for legacy 10/100 Mbps connections. #### 3. Precision Time Protocol (IEEE 1588v2) One of the standout electronic features is the hardware support for **PTP**. This allows for nanosecond-level clock synchronization across the network, which is critical for: * Industrial automation (robotics). * Automotive Ethernet (AVB - Audio Video Bridging). #### 4. Power Management The KSZ9567R utilizes advanced power-saving technologies: * **Energy Efficient Ethernet (EEE):** Reduces power consumption during periods of low data activity. * **Wake-on-LAN (WoL):** Allows the system to enter sleep mode and wake up upon receiving a specific network packet. --- ### Pin Configuration Categories The 128 pins are generally categorized into these functional blocks: ```text [ Power Pins ] --- 3.3V, 2.5V, 1.2V Inputs [ Analog I/O ] --- Differential pairs (TX/RX) for Ports 1-5 [ Digital I/O] --- RGMII/MII signals for Ports 6-7 [ Config ] --- Strap-in pins for hardware initialization [ Control ] --- SPI/I2C for register access ``` --- ### Typical Application Circuit Requirements To implement the KSZ9567R, the following electronic considerations are necessary: 1. **Magnetics:** Requires external transformers (magnetics) for the 5 copper ports to provide isolation. 2. **Clocking:** Typically requires a **25MHz** crystal or oscillator. 3. **Voltage Regulators:** Requires multiple voltage rails. Often used with a switching regulator to derive 1.2V (Core) and 2.5V/3.3V (I/O). ---
    ✨ Follow-up Questions
    • ⤷What are the power consumption metrics for the KSZ9567R in full Gigabit mode?
    • ⤷ How does the KSZ9567R handle VLAN tagging and QoS?
    • ⤷ Which Microchip microcontrollers are best paired with this switch via SPI?