KTK-R
AI

## Overview of KTK-R Fuses
The **KTK-R** is a specific series of fast-acting, supplemental fuses designed primarily for control circuits and motor branch circuit protection. They belong to the **Class CC** family of fuses, which are known for their compact size and high rejection capabilities.
---
### 1. Key Technical Specifications
The electrical characteristics of KTK-R fuses are standardized to ensure safety in industrial environments.
| Feature | Specification |
| :--- | :--- |
| **Class** | Class CC |
| **Voltage Rating** | 600 Vac (Standard) |
| **Interrupting Rating** | 200,000 Amps RMS Symmetrical |
| **Current Range** | 1/10A to 30A |
| **Speed** | Fast-Acting |
| **Material** | Melamine tube with nickel-plated bronze endcaps |
---
### 2. Design and Physical Construction
The "R" in KTK-R stands for **Rejection**. This is a critical safety feature in electronic and electrical systems.
* **Rejection Tip:** Unlike standard midget fuses (like the KTK series), the KTK-R has a unique physical grooved endcap. This prevents the installation of a fuse with a lower interrupting rating into a Class CC fuse holder.
* **Compact Dimensions:** They typically measure **13/32" x 1-1/2"** (approx. 10mm x 38mm).
* **Melamine Housing:** Provides high resistance to heat and prevents the body from shattering under high-fault conditions.
---
### 3. Electronic Applications
KTK-R fuses are strategically used in systems where space is limited but high fault current protection is required.
#### A. Control Transformer Protection
They are widely used to protect the primary side of control transformers. Because they are fast-acting, they respond quickly to short circuits, preventing damage to sensitive downstream electronic components.
#### B. Motor Branch Circuits
While they are fast-acting, they are often used in specialized motor branch circuits where high-speed clearing is necessary to protect solid-state components.
#### C. Industrial Control Panels (UL 508A)
Due to their **200kA interrupting rating**, they allow control panels to achieve a high Short-Circuit Current Rating (SCCR), which is often a requirement for industrial safety compliance.
---
### 4. Comparison: KTK vs. KTK-R
| Feature | KTK (Standard Midget) | KTK-R (Class CC) |
| :--- | :--- | :--- |
| **Physical Tip** | Flat / Smooth | Grooved (Rejection Tip) |
| **Branch Circuit Use** | No (Supplemental only) | Yes (Branch circuit rated) |
| **Safety Level** | Moderate | High (Prevents mismatching) |
---
- ⤷
What is the difference between a fast-acting fuse and a time-delay fuse in motor circuits?
- ⤷ Can a KTK-R fuse be used in a standard 10x38mm fuse holder?
- ⤷ How does the 200kA interrupting rating impact the safety of an electrical panel?