Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • KTK-R-1/4

  • AI
    ## Understanding the KTK-R-1/4 Electronic Component The **KTK-R-1/4** is a high-performance, limitron fast-acting fuse. It belongs to the **Class CC** family of fuses, which are specifically designed to provide space-saving branch circuit protection. ### 1. Technical Specifications The following table summarizes the primary electrical and physical characteristics: | Property | Specification | | :--- | :--- | | **Manufacturer** | Bussmann (Eaton) | | **Current Rating** | 1/4 Amp (0.25A) | | **Voltage Rating (AC)** | 600 Vac | | **Interrupting Rating** | 200,000 Amps RMS Symmetrical | | **Fuse Class** | Class CC | | **Response Time** | Fast-Acting | | **Material** | Melamine tube with Nickel-plated bronze endcaps | | **Dimensions** | 13/32" x 1-1/2" (10.3 x 38.1 mm) | --- ### 2. Key Features * **Rejection Feature:** The "R" in the part number signifies a rejection tip. This physical design prevents the installation of fuses with lower voltage ratings or different interrupting capacities into the same fuse holder. * **Current Limiting:** It is a current-limiting fuse, meaning it reacts extremely quickly to clear a fault, significantly reducing the destructive energy (thermal and magnetic) that reaches downstream components. * **High Interrupting Capacity:** Capable of safely stopping high-level short-circuit currents up to 200,000A. ### 3. Common Applications The KTK-R series is typically used in industrial and commercial environments where high-voltage protection is required in a small footprint. 1. **Control Circuits:** Protecting sensitive control transformers and solenoids. 2. **Lighting Balasts:** Providing individual protection for lighting systems. 3. **Branch Circuit Protection:** General-purpose protection for non-inductive loads. 4. **HVAC Systems:** Used in the control panels of heating and cooling units. --- ### 4. Comparison: KTK vs. KTK-R It is important to distinguish between the standard KTK and the KTK-R: | Feature | KTK (Standard) | KTK-R (Rejection) | | :--- | :--- | :--- | | **UL Class** | Supplemental | Class CC | | **Branch Circuit Rated** | No | Yes | | **Physical Tip** | Flat Endcap | Grooved/Rejection Tip |
    ✨ Follow-up Questions
    • ⤷What is the difference between a fast-acting and a time-delay fuse in industrial circuits?
    • ⤷ What types of fuse holders are compatible with Class CC rejection fuses?
    • ⤷ Can a KTK-R-1/4 be replaced with a 1/2 Amp fuse in the same circuit?