KTK-R-2-1/2
AI

The **KTK-R-2-1/2** is a high-performance industrial fuse manufactured by Bussmann (Eaton). It belongs to the **Limitron™ KTK-R Series** and is specifically designed for branch circuit protection in electrical systems.
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Bussmann (Eaton) |
| **Part Number** | KTK-R-2-1/2 |
| **Ampere Rating** | 2.5 Amps (2-1/2A) |
| **Voltage Rating (AC)** | 600 Vac |
| **Interrupting Rating** | 200,000 Amps RMS Symmetrical |
| **Fuse Class** | Class CC |
| **Fuse Type** | Fast-Acting |
| **Body Material** | Melamine |
| **Dimensions** | 13/32" x 1-1/2" (10.3 x 38.1 mm) |
---
### Key Features and Electronic Design
#### 1. Class CC Characteristics
The "R" in the part number signifies that it is a **Rejection Style** fuse. This means it has a specialized physical tip on one end that prevents the installation of fuses with lower voltage or interrupting ratings into a Class CC fuse holder. This is a critical safety feature for high-voltage industrial panels.
#### 2. Fast-Acting Response
Unlike "Time-Delay" fuses, the KTK-R series is **Fast-Acting**. It is designed to open almost instantly when it detects an overcurrent or short-circuit condition. This makes it ideal for protecting sensitive electronic components that cannot withstand prolonged surges.
#### 3. High Interrupting Rating
With a **200kA interrupting rating**, this fuse can safely handle massive short-circuit currents without exploding or arcing, which is vital for meeting UL (Underwriters Laboratories) standards for industrial control panels.
---
### Common Applications
The KTK-R-2-1/2 is typically found in the following environments:
* **Control Circuits:** Protecting control transformers and small motors.
* **Lighting Circuits:** High-voltage lighting ballasts.
* **HVAC Systems:** Used in specialized control panels for heating and cooling.
* **General Purpose:** Any branch circuit requiring 600V protection and a small physical footprint.
---
### Comparison with Similar Fuses
| Feature | KTK-R (Rejection) | KTK (Standard) | FNQ-R (Time-Delay) |
| :--- | :--- | :--- | :--- |
| **Rejection Tip** | Yes | No | Yes |
| **Speed** | Fast-Acting | Fast-Acting | Time-Delay |
| **Primary Use** | Branch Protection | Supplemental | Motor Circuits |
- ⤷
What is the difference between a Fast-Acting and a Time-Delay fuse in motor applications?
- ⤷ Can a KTK-R-2-1/2 be used in a standard 13/32 inch fuse holder?
- ⤷ What are the specific UL listings for Class CC fuses like the KTK-R?