KTK-R-20
AI

### KTK-R-20 Electronic Component Overview
The **KTK-R-20** is a specialized high-performance industrial fuse. It belongs to the **Limitron™** family and is categorized as a **Class CC** fuse. These fuses are designed specifically for "rejection" style fuse holders, ensuring that a fuse with a lower voltage or interrupting rating cannot be installed in its place.
---
### Technical Specifications
| Feature | Specification |
|:---|:---|
| **Part Number** | KTK-R-20 |
| **Current Rating** | 20 Amperes |
| **Voltage Rating (AC)** | 600 Vac |
| **Interrupting Rating** | 200,000 Amps RMS Symmetrical |
| **Fuse Class** | Class CC |
| **Response Characteristic** | Fast-Acting |
| **Body Material** | Melamine (Fiberglass) tube with Nickel-plated brass endcaps |
| **Dimensions** | 13/32" x 1-1/2" (10.3mm x 38.1mm) |
---
### Key Features and Design
1. **Rejection Feature:** The KTK-R series features a unique physical shape (a grooved end cap) that fits into Class CC rejection fuse blocks. This prevents the accidental installation of standard non-rejection midget fuses.
2. **Current Limiting:** It is highly current-limiting, meaning it reacts extremely quickly to interrupt a short circuit before the current reaches its full potential peak, protecting sensitive downstream components.
3. **Fast-Acting:** Unlike "Time-Delay" fuses, the KTK-R-20 is designed to blow quickly when an overload occurs. This is critical for circuits without high inductive surges (like motors).
---
### Common Applications
* **Control Transformer Protection:** Used to protect the primary side of control transformers.
* **Industrial Control Panels (ICP):** Used for branch circuit protection in electrical panels.
* **Lighting Ballasts:** Protecting lighting circuits from overcurrent.
* **General Purpose Circuits:** Any 600V or less circuit requiring 20A fast-acting protection where high fault currents are possible.
---
### Comparison: KTK vs. KTK-R
| Feature | KTK (Standard Midget) | KTK-R (Class CC) |
|:---|:---|:---|
| **End Cap** | Flat caps | Grooved Rejection Tip |
| **Branch Circuit Rated** | No | Yes (UL Listed) |
| **Interrupting Rating** | 100kA | 200kA |
- ⤷What is the difference between a fast-acting and a time-delay fuse in industrial applications?
- ⤷ Can a KTK-R-20 fuse be used in a standard 10x38mm fuse holder?
- ⤷ What are the typical fuse holders compatible with Class CC fuses?