KTS-6D-R
AI

The **KTS-6D-R** is a specific electronic component primarily identified as a **Positive Temperature Coefficient (PTC) Thermistor**, commonly used in the degaussing circuits of CRT (Cathode Ray Tube) monitors and televisions, or as a motor starter/overload protector in refrigeration.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. Technical Specifications
The KTS-6D-R is designed to handle high-surge currents and then transition to a high-resistance state to limit current flow.
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Component Type** | PTC Thermistor (Degaussing / Starting) |
| **Rated Voltage** | 220V - 270V AC |
| **Resistance (at 25°C)** | 6.0 $\Omega$ (indicated by the '6' in the model) |
| **Tolerance** | ±20% |
| **Operating Temp** | -10°C to +85°C |
| **Application** | Degaussing / Compressor Start |
---
### 2. Physical Construction
The device typically consists of a ceramic disc housed in a flame-retardant plastic or phenolic casing.
* **Internal Material:** Doped Barium Titanate ($\text{BaTiO}_3$) ceramic.
* **Terminals:** Usually features 2 or 3 pins for PCB mounting.
* **Housing:** Rectangular or cylindrical black plastic shell designed to withstand high temperatures generated during operation.
---
### 3. Electronic Functionality
The "D-R" suffix often indicates specific resistance-temperature curves or physical mounting styles. Its operation follows these steps:
1. **Low Resistance State:** At room temperature, the device has a low resistance (approx. 6 ohms), allowing a large surge of current to pass through.
2. **Self-Heating:** As current flows, the component heats up rapidly due to the Joule effect ($P = I^2R$).
3. **Resistance Jump:** Once it reaches its "Curie Temperature," the resistance increases exponentially (becoming several thousand ohms).
4. **Steady State:** It maintains a very small "leakage" current to stay hot and keep the resistance high until power is removed.
---
### 4. Common Applications
* **CRT Degaussing:** It provides the initial burst of AC current to the degaussing coil to remove residual magnetism from the shadow mask, then quickly shuts off the current.
* **Motor Starting:** In small compressors (like refrigerators), it powers the "start winding" momentarily and then disconnects it once the motor is up to speed.
---
- ⤷What is the difference between a 2-pin and 3-pin PTC thermistor?
- ⤷ How do I test a KTS-6D-R with a multimeter?
- ⤷ Can a KTS-6D-R be used in a 110V circuit?