AI

The **KTS-82-R** refers to a high-precision, wireless 3D touch probe commonly used in CNC machining for workpiece alignment and measurement. Below is a detailed breakdown of its electronic components and technical specifications.
---
### 1. Key Electronic Specifications
The KTS-82-R operates using infrared transmission to communicate between the probe head and the receiver unit.
| Feature | Specification |
| :--- | :--- |
| **Transmission Type** | Infrared (IR) Wireless |
| **Sensing Directions** | ±X, ±Y, +Z |
| **Repeatability** | ≤ 1 μm (0.001 mm) |
| **Power Supply** | 3.6V Lithium Battery (usually size 1/2 AA) |
| **Trigger Force** | XY: ~0.5N; Z: ~2.5N |
| **Signal Range** | Up to 5-7 meters |
---
### 2. Core Electronic Components
The system consists of two primary electronic assemblies: the **Probe (Transmitter)** and the **Receiver**.
#### A. The Probe Unit (Transmitter)
* **Kinematic Switch:** The heart of the probe. It uses a three-point contact seat mechanism. When the stylus touches a surface, the circuit is broken (or closed, depending on logic), triggering a signal.
* **Signal Processing Circuit:** An internal PCB that debounces the mechanical trigger to prevent "chatter" or false readings.
* **IR Emitter LEDs:** High-power infrared LEDs arranged in a 360-degree ring to ensure the receiver can see the signal regardless of spindle orientation.
* **Battery Management:** A low-power circuit that keeps the probe in "Sleep Mode" until it receives an "Activation" signal from the receiver.
#### B. The Receiver Unit
* **IR Sensors:** Photodiode arrays that pick up the infrared pulses from the probe.
* **Interface Logic:** Converts the IR pulses into electrical signals (High/Low) compatible with CNC controllers (e.g., Fanuc, Siemens, Heidenhain).
* **Status Indicators:** LEDs that show:
* **Green:** System Ready/Power On.
* **Red:** Probe Triggered (Stylus deflected).
* **Yellow:** Low Battery Warning.
---
### 3. Wiring and Interface Logic
The receiver typically uses a multi-core cable to connect to the CNC's PLC.
```yaml
Standard Wiring Logic:
- Brown: DC 24V (Power)
- Blue: 0V (Ground)
- White: Skip Signal (High/Low) - Connects to G31 input
- Green: Battery Alarm (Low Voltage)
- Yellow: Error/Interference Signal
```
---
### 4. Operational Modes
1. **Standby Mode:** The probe is off, consuming micro-amps of power.
2. **Activation:** The CNC sends an IR pulse or a hardware signal to "wake up" the probe.
3. **Measuring:** The probe transmits its status continuously to the receiver.
4. **Timeout:** If no movement or trigger occurs for a set period, the electronics enter sleep mode to conserve battery.
- ⤷
How do I calibrate the KTS-82-R after replacing the stylus?
- ⤷ What are the most common causes of IR signal interference in CNC cabinets?
- ⤷ What is the typical battery life of the KTS-82-R under normal production use?