KURE-42M2-R
AI

The **KURE-42M2-R** is a specific model within a series of industrial-grade **Solid State Relays (SSRs)** or high-power switching modules, often utilized in automation and thermal control systems.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The KURE series is typically designed for AC load switching with logic-level DC control.
| Feature | Specification |
| :--- | :--- |
| **Control Voltage (Input)** | Typically 4-32V DC |
| **Load Voltage (Output)** | 90 - 480V AC |
| **Rated Current** | 40A - 42A (Depending on heatsink efficiency) |
| **Switching Type** | Zero-Cross Switching |
| **Phase** | Single Phase |
---
### 2. Key Electronic Components & Operation
#### A. Input Circuit (Control Side)
* **Opto-Isolator:** The internal circuit uses an optocoupler to provide electrical isolation between the low-voltage control signal (PLC/Microcontroller) and the high-voltage AC load. This protects the controller from surges.
* **LED Indicator:** Most models include a built-in LED to signify when the input signal is active.
#### B. Output Circuit (Power Side)
* **TRIAC or Dual SCR:** For a 42A rating, this module likely utilizes two inverse-parallel SCRs (Silicon Controlled Rectifiers). These are more robust than a single TRIAC for handling high-current inductive or resistive loads.
* **Snubber Circuit:** It usually contains an internal RC (Resistor-Capacitor) network to suppress "dv/dt" (voltage spikes) that occur when switching inductive loads like motors or transformers.
#### C. Zero-Cross Detection
The "Zero-Cross" feature ensures that the relay only turns on when the AC sine wave reaches zero volts. This minimizes:
1. **Electrical Noise (EMI):** Reduces radio frequency interference.
2. **Inrush Current:** Protects the load and extends the lifespan of the relay.
---
### 3. Connection Diagram (Typical)
```markdown
[CONTROL SIDE] [LOAD SIDE]
(+) 4-32VDC [Terminal 1] ---- [L1] Line Power (90-480VAC)
(-) Ground [Terminal 2] ---- [T1] Load (Heater/Motor)
```
---
### 4. Thermal Management
Because this part handles up to **42A**, it generates significant heat. Electronic integration requires:
* **Heatsink:** Must be mounted on an aluminum heatsink.
* **Thermal Paste:** Required between the baseplate of the KURE-42M2-R and the cooling surface.
* **Derating:** At ambient temperatures above 40°C, the maximum allowable current drops significantly.
- ⤷
What are the specific dimensions for mounting the KURE-42M2-R?
- ⤷ Does this model support Phase Angle Control for dimming applications?
- ⤷ What is the recommended fuse type for protecting this SSR against short circuits?