KUS-4W1-R
AI

The **KUS-4W1-R** is a specific model of an **Ultrasonic Fuel Level Sensor**, typically manufactured by KUS (formerly known as Wema). It is designed to measure the fuel level in tanks without making physical contact with the liquid, using ultrasonic sound wave technology.
---
### 1. Core Specifications
The following table highlights the primary technical parameters of the KUS-4W1-R sensor:
| Feature | Specification |
| :--- | :--- |
| **Technology** | Ultrasonic (Non-contact) |
| **Input Voltage** | 10V - 32V DC |
| **Output Signal** | 0 - 190 $\Omega$ (Standard European Ohm Range) |
| **Resolution** | $\leq$ 2mm |
| **Accuracy** | $\pm$ 2% |
| **Blind Zone** | $\leq$ 50mm (Area directly under the sensor that cannot be measured) |
| **Operating Temp** | -40°C to +85°C |
| **Protection Rating** | IP67 (Dust tight and water immersion resistant) |
---
### 2. Internal Electronic Components
The device functions through a complex interaction of electronic subsystems:
1. **Ultrasonic Transducer:** The "heart" of the device. It contains a piezoelectric crystal that converts electrical energy into high-frequency sound pulses and converts the returning echoes back into electrical signals.
2. **Signal Processor (MCU):** An internal microcontroller that calculates the time-of-flight (the time it takes for the pulse to hit the fuel surface and return). It uses this time to determine the distance.
3. **Temperature Compensation Circuit:** Since the speed of sound changes with air temperature, the electronics include a thermistor to adjust the calculations for accuracy in varying climates.
4. **Signal Converter:** Translates the digital distance measurement into an analog resistance signal (0-190 ohms) so it can communicate with standard analog fuel gauges.
---
### 3. Wiring Configuration
The sensor typically features a 4-wire or specialized connector setup to handle both power and signal transmission:
* **Red Wire:** Positive Power Supply (+10-32V).
* **Black/Blue Wire:** Ground (Negative).
* **Green/Yellow Wire:** Signal Output (to the Gauge).
* **Calibration Wire:** Used during installation to set the "Full" and "Empty" points for the specific tank height.
---
### 4. Key Advantages
* **No Moving Parts:** Unlike traditional float sensors, there are no mechanical levers to jam or wear out.
* **Chemical Resistance:** Because it never touches the fuel, it is highly resistant to corrosive additives or different fuel types (Diesel, Gasoline, Water).
* **High Precision:** Offers much higher resolution than standard reed-switch sensors.
- ⤷How do you calibrate the KUS-4W1-R for a custom tank depth?
- ⤷ Can this sensor be used for water or chemical tanks instead of fuel?
- ⤷ What are the common causes of signal interference in ultrasonic sensors?